Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-104E/ST Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP4651-104E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-104E/ST Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP4651-104E/ST Datasheet HTML 31Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 32Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 33Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 34Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 35Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 36Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 37Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 38Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 35
MCP453X/455X/463X/465X
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP453X/455X/463X/465X
Pin
Weak
Pull-up/
down (1)
Standard Function
Single
Dual
Symbol
I/O
Buffer
Type
Rheo Pot (1) Rheo
Pot
8L
8L
10L
14L
16L
1
1
1
1
16
HVC/A0
I
HV w/ST
“smart”
High Voltage Command /
Address 0.
2
2
2
2
1
SCL
I
HV w/ST
No
I2C clock input.
3
3
3
3
2
SDA
I/O
HV w/ST
No
I2C serial data I/O. Open Drain
output
4
444
3, 4
VSS
—
P
—
Ground
—
—
5
5
5
P1B
A
Analog
No
Potentiometer 1 Terminal B
—
—
6
6
6
P1W
A
Analog
No
Potentiometer 1 Wiper Terminal
—
—
—
7
7
P1A
A
Analog
No
Potentiometer 1 Terminal A
—
5
—
8
8
P0A
A
Analog
No
Potentiometer 0 Terminal A
5
6
7
9
9
P0W
A
Analog
No
Potentiometer 0 Wiper Terminal
6
7
8
10
10
P0B
A
Analog
No
Potentiometer 0 Terminal B
—
—
—
11
11, 12
NC
—
—
—
No Connection
—
—
—
12
13
A2
I
HV w/ST
“smart”
Address 2
7
—
9
13
14
A1
I
HV w/ST
“smart”
Address 1
8
8
10
14
15
VDD
—
P
—
Positive Power Supply Input
9
9
11
—
17
EP
—
—
—
Exposed Pad (Note 2)
Legend:
HV w/ST = High Voltage tolerant input (with Schmidtt trigger input)
A = Analog pins (Potentiometer terminals)
I = digital input (high Z)
O = digital output
I/O = Input / Output
P = Power
Note 1:
The pin’s “smart” pull-up shuts off while the pin is forced low. This is done to reduce the standby and shut-
down current.
2:
The DFN and QFN packages have a contact on the bottom of the package. This contact is conductively
connected to the die substrate, and therefore should be unconnected or connected to the same ground as
the device’s VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com