Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-104E/ST Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP4651-104E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-104E/ST Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP4651-104E/ST Datasheet HTML 57Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 58Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 59Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 60Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 61Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 62Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 63Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 64Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 61
MCP453X/455X/463X/465X
7.6
Increment Wiper
Normal and High Voltage
The Increment Command provide a quick and easy
method to modify the potentiometer’s wiper by +1 with
minimal overhead. The Increment Command will only
function on the volatile wiper setting memory locations
00h and 01h.
When executing an Increment Command, the volatile
wiper setting will be altered from n to n+1 for each
Increment Command received. The value will incre-
ment up to 100h max on 8-bit devices and 80h on 7-bit
devices. If multiple Increment Commands are received
after the value has reached 100h (or 80h), the value will
not be incremented further. Table 7-4 shows the
Increment Command versus the current volatile wiper
value.
Refer to Figure 7-7 for the Increment Command
sequence. The sequence is terminated by the Stop
condition. So when executing a continuous command
string, The Increment command can be followed by any
other valid command. this means that writes do not
need to be to the same volatile memory address.
The advantage of using an Increment Command
instead of a read-modify-write series of commands is
speed and simplicity. The wiper will transition after each
Command Acknowledge when accessing the volatile
wiper registers.
TABLE 7-4:
INCREMENT OPERATION VS.
VOLATILE WIPER VALUE
7.6.1
THE HIGH VOLTAGE COMMAND
(HVC) SIGNAL
The High Voltage Command (HVC) signal is multi-
plexed with Address 0 (A0) and is used to indicate that
the command, or sequence of commands, are in the
High Voltage mode. Signals > VIHH (~8.5V) on the
HVC/A0 pin puts MCP45XX/46XX devices into High
Voltage mode.
The HVC pin has an internal resistor connection to the
MCP45XX/46XXs internal VDD signal.
FIGURE 7-7:
I2C Increment Command Sequence.
Note:
Table 7-2 shows the valid addresses for
the Increment Wiper command. Other
addresses are invalid.
Note:
The command sequence can go from an
increment to any other valid command for
the specified address.
Current Wiper
Setting
Wiper (W)
Properties
Increment
Command
Operates?
7-bit
Pot
8-bit
Pot
3FFh
081h
3FFh
101h
Reserved
(Full-Scale (W = A))
No
080h
100h
Full-Scale (W = A)
No
07Fh
041h
0FFh
081
W = N
040h
080h
W = N (Mid-Scale)
Yes
03Fh
001h
07Fh
001
W = N
000h
000h
Zero Scale (W = B) Yes
Note:
There is a required delay after the HVC pin
is driven to the VIHH level to the 1st edge
of the SCL pin.
Control Byte
INCR Command (n+1)
INCR Command (n+2)
1
01
0
SA2 A1 A0 0
0
AD AD AD AD
A1 x
X A
0
AD AD AD AD
1x
X
A P (2)
0
1
2
3
432
1
Fixed
Address
Variable
Address
Device
Memory
Address
Command
Write bit
Note 1:
Increment Command (INCR) only functions when accessing the volatile wiper reg-
isters (AD3:AD0 = 0h and 1h).
2:
This command sequence does not need to terminate (using the Stop bit) and can
change to any other desired command sequence (Increment, Read, or Write).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com