Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-104E/ST Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP4651-104E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-104E/ST Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP4651-104E/ST Datasheet HTML 44Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 45Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 46Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 47Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 48Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 49Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 50Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 51Page - Microchip Technology MCP4651-104E/ST Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
MCP453X/455X/463X/465X
DS22096A-page 48
© 2008 Microchip Technology Inc.
6.2.4
ADDRESSING
The address byte is the first byte received following the
START condition from the master device. The address
contains four (or more) fixed bits and (up to) three user
defined hardware address bits (pins A2, A1, and A0).
These 7-bits address the desired I2C device. The
A7:A4 address bits are fixed to “0101” and the device
appends the value of following three address pins (A2,
A1, A0). Address pins that are not present on the
device are pulled up (a bit value of ‘1’).
Since there are up to three adress bits controlled by
hardware pins, there may be up to eight MCP4XXX
devices on the same I2C bus.
Figure 6-9 shows the slave address byte format, which
contains the seven address bits. There is also a read/
write bit. Table 6-2 shows the fixed address for device.
Hardware Address Pins
The hardware address bits
(A2, A1, and A0)
correspond to the logic level on the associated address
pins. This allows up to eight devices on the bus.
These pins have a weak pull-up enabled when the VDD
< VBOR. The weak pull-up utilizes the “smart” pull-up
technology and exhibits the same characteristics as the
High-voltage tolerant I/O structure.
The state of the A0 address pin is latch on POR/BOR.
This is required since High Voltage commands force
this pin (HVC/A0) to the VIHH level.
FIGURE 6-9:
Slave Address Bits in the
I2C Control Byte.
TABLE 6-2:
DEVICE SLAVE ADDRESSES
6.2.5
SLOPE CONTROL
The MCP45XX/46XX implements slope control on the
SDA output.
As the device transitions from HS mode to FS mode,
the slope control parmameter will change from the HS
specification to the FS specification.
For Fast (FS) and High-Speed (HS) modes, the device
has a spike suppression and a Schmidt trigger at SDA
and SCL inputs.
Device
Address
Comment
MCP45X1
‘0101 11’b + A0
Supports up to 2
devices. Note 1
MCP45X2
‘0101 1’b + A1:A0
Supports up to 4
devices. Note 1
MCP46X1
‘0101’b + A2:A1:A0 Supports up to 8
devices. Note 1
MCP46X2
‘0101 1’b + A1:A0
Supports up to 4
devices. Note 1
Note 1:
A0 is used for High-Voltage commands
and the value is latched at POR.
SA6A5 A4A3 A2 A1 A0 R/W
A/A
Start
bit
Slave Address
R/W bit
A bit (controlled by slave device)
R/W = 0 = write
R/W = 1 = read
A = 0 = Slave Device Acknowledges byte
A = 1 = Slave Device does not Acknowledge byte
“0” “1” “0” “1”
See Table 6-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com