Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP618T-I/SL Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP618T-I/SL
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP618T-I/SL Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP618T-I/SL Datasheet HTML 20Page - Microchip Technology MCP618T-I/SL Datasheet HTML 21Page - Microchip Technology MCP618T-I/SL Datasheet HTML 22Page - Microchip Technology MCP618T-I/SL Datasheet HTML 23Page - Microchip Technology MCP618T-I/SL Datasheet HTML 24Page - Microchip Technology MCP618T-I/SL Datasheet HTML 25Page - Microchip Technology MCP618T-I/SL Datasheet HTML 26Page - Microchip Technology MCP618T-I/SL Datasheet HTML 27Page - Microchip Technology MCP618T-I/SL Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
MCP616/7/8/9
DS21613C-page 24
© 2008 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP619)
Examples:
14-Lead TSSOP (MCP619)
Example
:
14-Lead SOIC (150 mil) (MCP619)
Examples
:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
MCP619
I/P^^
0812256
619IST
0812
XXXXXXXXXX
MCP619
0812256
I/SL ^^
3
e
3
e
MCP619
-I/P
XXXXXXXXXXXXXX
0812256
MCP619ISL
0812256
XXXXXXXXXX
OR
OR
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com