Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP618T-I/SL Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP618T-I/SL
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP618T-I/SL Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP618T-I/SL Datasheet HTML 3Page - Microchip Technology MCP618T-I/SL Datasheet HTML 4Page - Microchip Technology MCP618T-I/SL Datasheet HTML 5Page - Microchip Technology MCP618T-I/SL Datasheet HTML 6Page - Microchip Technology MCP618T-I/SL Datasheet HTML 7Page - Microchip Technology MCP618T-I/SL Datasheet HTML 8Page - Microchip Technology MCP618T-I/SL Datasheet HTML 9Page - Microchip Technology MCP618T-I/SL Datasheet HTML 10Page - Microchip Technology MCP618T-I/SL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 7
MCP616/7/8/9
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA =+25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-1:
Input Offset Voltage at
VDD =5.5V.
FIGURE 2-2:
Input Offset Voltage at
VDD =2.3V.
FIGURE 2-3:
Input Bias Current at
VDD =5.5V.
FIGURE 2-4:
Input Offset Voltage Drift at
VDD =5.5V.
FIGURE 2-5:
Input Offset Voltage Drift at
VDD =2.3V.
FIGURE 2-6:
Input Offset Current at
VDD =5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
Input Offset Voltage (µV)
598 Samples
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
Offset Voltage (µV)
598 Samples
VDD = 2.3V
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Bias Current (nA)
600 Samples
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Offset Voltage Drift (µV/°C)
598 Samples
VDD = 5.5V
TA = -40°C to +85°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
Input Offset Voltage Drift (µV/°C)
598 Samples
VDD = 2.3V
TA = -40°C to +85°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Offset Current (nA)
600 Samples
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com