Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP618T-I/SL Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP618T-I/SL
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP618T-I/SL Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP618T-I/SL Datasheet HTML 29Page - Microchip Technology MCP618T-I/SL Datasheet HTML 30Page - Microchip Technology MCP618T-I/SL Datasheet HTML 31Page - Microchip Technology MCP618T-I/SL Datasheet HTML 32Page - Microchip Technology MCP618T-I/SL Datasheet HTML 33Page - Microchip Technology MCP618T-I/SL Datasheet HTML 34Page - Microchip Technology MCP618T-I/SL Datasheet HTML 35Page - Microchip Technology MCP618T-I/SL Datasheet HTML 36Page - Microchip Technology MCP618T-I/SL Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 29
MCP616/7/8/9
APPENDIX A:
REVISION HISTORY
Revision C (October 2008)
The following is the list of modifications:
1.
Added Section 1.1 “Test Circuits”.
2.
Added Figure 2-36.
3.
Added
Section 4.1.1
“Phase
Reversal”
,
Section 4.1.2 “Input Voltage and Current
Limits”
, and Section 4.1.3 “Normal Opera-
tion”
.
4.
Updated Figure 4-7.
5.
Updated Section 5.0 “Design Aids”.
6.
Updated Section 6.0 “Packaging Informa-
tion”
Revision B (April 2005)
The following is the list of modifications:
1.
Clarified specifications found in Section 1.0
“Electrical Characteristics”
.
2.
Updated Section 2.0 “Typical Performance
Curves”
and added input noise current density
plot.
3.
Added Section 3.0 “Pin Descriptions”.
4.
Updated Section 4.0 “Applications Informa-
tion”
.
5.
Updated the SPICE macro model and added
information on the FilterLab software, in
Section 5.0 “Design Aids”
.
6.
Corrected
package
marking
information
(Section 6.0 “Packaging Information”).
7.
Added Appendix A: “Revision History”.
Revision A (April 2001)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com