Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1702T-1502E/TO Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP1702T-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702T-1502E/TO Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP1702T-1502E/TO Datasheet HTML 23Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 24Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 25Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 26Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 27Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 28Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 29Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 30Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 27
MCP1702
APPENDIX A: REVISION HISTORY
Revision D (June 2009)
The following is the list of modifications:
1.
DC Characteristics table: Updated the V
OUT
Temperature Coefficient’s maximum value.
2.
Section 7.0
“Packaging
Information”:
Updated package outline drawings.
Revision C (November 2008)
The following is the list of modifications:
1.
DC Characteristics table: Added row to Output
Voltage Regulation for 1% custom part.
2.
Temperature Specification table: Numerous
changes to table.
3.
Added Note 2 to Temperature Specifications
table.
4.
Section 5.0
“Functional
Description”,
Section 5.2
“Output”:
Added
second
paragraph.
5.
Section 7.0 “Packaging Information”: Added
1% custom part information to this section. Also,
updated package outline drawings.
6.
Product Identification System: Added
1%
custom part information to this page.
Revision B (May 2007)
The following is the list of modifications:
1.
All Pages: Corrected minor errors in document.
2.
Page 4: Added junction-to-case information to
Temperature Specifications table.
3.
Page 16: Updated Package Outline Drawings in
Section 7.0 “Packaging Information”.
4.
Page 21: Updated Revison History.
5.
Page 23: Corrected examples in
Product
Identification System.
Revision A (September 2006)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com