Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1702T-1502E/TO Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1702T-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702T-1502E/TO Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1702T-1502E/TO Datasheet HTML 9Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 10Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 11Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 12Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 13Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 14Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 15Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 16Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 13
MCP1702
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Ground Terminal (GND)
Regulator ground. Tie GND to the negative side of the
output and the negative side of the input capacitor.
Only the LDO bias current (2.0 µA typical) flows out of
this pin; there is no high current. The LDO output
regulation is referenced to this pin. Minimize voltage
drops between this pin and the negative side of the
load.
3.2
Regulated Output Voltage (VOUT)
Connect VOUT to the positive side of the load and the
positive terminal of the output capacitor. The positive
side of the output capacitor should be physically
located as close to the LDO VOUT pin as is practical.
The current flowing out of this pin is equal to the DC
load current.
3.3
Unregulated Input Voltage Pin
(VIN)
Connect VIN to the input unregulated source voltage.
Like all LDO linear regulators, low source impedance is
necessary for the stable operation of the LDO. The
amount of capacitance required to ensure low source
impedance will depend on the proximity of the input
source
capacitors
or
battery
type.
For
most
applications, 1 µF of capacitance will ensure stable
operation of the LDO circuit. For applications that have
load currents below 100 mA, the input capacitance
requirement can be lowered. The type of capacitor
used
can
be
ceramic,
tantalum
or
aluminum
electrolytic. The low ESR characteristics of the ceramic
will yield better noise and PSRR performance at
high-frequency.
Pin No.
SOT-23A
Pin No.
SOT-89
Pin No.
TO-92
Symbol
Function
111
GND
Ground Terminal
233
VOUT
Regulated Voltage Output
32, Tab2
VIN
Unregulated Supply Voltage
–
–
–
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com