Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1702T-1502E/TO Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1702T-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702T-1502E/TO Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1702T-1502E/TO Datasheet HTML 13Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 14Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 15Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 16Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 17Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 18Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 19Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 20Page - Microchip Technology MCP1702T-1502E/TO Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 17
MCP1702
5.0
FUNCTIONAL DESCRIPTION
The MCP1702 CMOS LDO linear regulator is intended
for
applications
that
need
the
lowest
current
consumption
while
maintaining
output
voltage
regulation. The operating continuous load range of the
MCP1702 is from 0 mA to 250 mA (VR ≥ 2.5V). The
input operating voltage range is from 2.7V to 13.2V,
making it capable of operating from two or more
alkaline cells or single and multiple Li-Ion cell batteries.
5.1
Input
The input of the MCP1702 is connected to the source
of the P-Channel PMOS pass transistor. As with all
LDO circuits, a relatively low source impedance (10
Ω)
is needed to prevent the input impedance from causing
the LDO to become unstable. The size and type of the
capacitor needed depends heavily on the input source
type (battery, power supply) and the output current
range of the application. For most applications (up to
100 mA), a 1 µF ceramic capacitor will be sufficient to
ensure circuit stability. Larger values can be used to
improve circuit AC performance.
5.2
Output
The maximum rated continuous output current for the
MCP1702 is 250 mA (VR ≥ 2.5V). For applications
where VR < 2.5V, the maximum output current is
200 mA.
A minimum output capacitance of 1.0 µF is required for
small signal stability in applications that have up to
250 mA output current capability. The capacitor type
can be ceramic, tantalum or aluminum electrolytic. The
esr range on the output capacitor can range from 0
Ω to
2.0
Ω.
The output capacitor range for ceramic capacitors is
1 µF to 22 µF. Higher output capacitance values may
be used for tantalum and electrolytic capacitors. Higher
output capacitor values pull the pole of the LDO
transfer function inward that results in higher phase
shifts which in turn cause a lower crossover frequency.
The circuit designer should verify the stability by
applying line step and load step testing to their system
when using capacitance values greater than 22 µF.
5.3
Output Rise Time
When powering up the internal reference output, the
typical output rise time of 500 µs is controlled to
prevent overshoot of the output voltage. There is also a
startup delay time that ranges from 300 µs to 800 µs
based on loading. The startup time is separate from
and precedes the Output Rise Time. The total output
delay is the Startup Delay plus the Output Rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com