Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631HVT Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1631HVT
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631HVT Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1631HVT Datasheet HTML 8Page - Microchip Technology MCP1631HVT Datasheet HTML 9Page - Microchip Technology MCP1631HVT Datasheet HTML 10Page - Microchip Technology MCP1631HVT Datasheet HTML 11Page - Microchip Technology MCP1631HVT Datasheet HTML 12Page - Microchip Technology MCP1631HVT Datasheet HTML 13Page - Microchip Technology MCP1631HVT Datasheet HTML 14Page - Microchip Technology MCP1631HVT Datasheet HTML 15Page - Microchip Technology MCP1631HVT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MCP1631/HV/MCP1631V/VHV
DS22063B-page 12
© 2008 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF,
VIN for typical values = 5.0V, TA for typical values = +25°C.
FIGURE 2-19:
Amplifier A3 Offset Voltage
vs. Temperature.
FIGURE 2-20:
Amplifier A3 Output Voltage
Low vs. Temperature.
FIGURE 2-21:
Amplifier A3 Sink Current
vs. Temperature.
FIGURE 2-22:
Amplifier A3 Source Current
vs. Temperature.
FIGURE 2-23:
MCP1631 and MCP1631HV
CS Maximum Voltage (V) vs. Temperature.
FIGURE 2-24:
MCP1631V and
MCP1631VHV VRAMP Max Voltage (V).
0
0.5
1
1.5
2
2.5
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
0
10
20
30
40
50
60
70
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
2.8
3.3
3.8
4.3
4.8
5.3
5.8
6.3
6.8
Ambient Temperature (°C)
VDD = +3.0V to +5.5V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
0.900
0.902
0.904
0.906
0.908
0.910
0.912
0.914
0.916
0.918
0.920
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
2.770
2.772
2.774
2.776
2.778
2.780
2.782
2.784
2.786
2.788
2.790
Ambient Temperature (°C)
VDD = +5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com