Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631HVT Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1631HVT
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631HVT Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1631HVT Datasheet HTML 10Page - Microchip Technology MCP1631HVT Datasheet HTML 11Page - Microchip Technology MCP1631HVT Datasheet HTML 12Page - Microchip Technology MCP1631HVT Datasheet HTML 13Page - Microchip Technology MCP1631HVT Datasheet HTML 14Page - Microchip Technology MCP1631HVT Datasheet HTML 15Page - Microchip Technology MCP1631HVT Datasheet HTML 16Page - Microchip Technology MCP1631HVT Datasheet HTML 17Page - Microchip Technology MCP1631HVT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP1631/HV/MCP1631V/VHV
DS22063B-page 14
© 2008 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF,
VIN for typical values = 5.0V, TA for typical values = +25°C.
FIGURE 2-31:
LDO Output Voltage vs.
Load Current.
FIGURE 2-32:
LDO Dropout Voltage vs.
Load Current.
FIGURE 2-33:
LDO Load Regulation vs.
Temperature.
FIGURE 2-34:
LDO Line Regulation vs.
Temperature.
FIGURE 2-35:
LDO PSRR vs. Frequency.
FIGURE 2-36:
LDO Output Noise vs.
Frequency.
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
0
50
100
150
200
250
Load Current (mA)
VIN = 6V
VOUT = 5.0V
+25°C
+130°C
-45°C
0°C
+90°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
25 50 75 100 125 150 175 200 225 250
Load Current (mA)
VOUT = 5.0V
+25°C
+130°C
+0°C
-45°C
+90°C
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 5.0V
IOUT = 1 to 250 mA
VIN = 6V
VIN = 14V
VIN = 12V
VIN = 8V
VIN = 16V
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 5.0V
VIN = 6.0V to 16.0V
200 mA
100 mA
0 mA
250 mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=5.0V
VIN=6.0V
VINAC = 100 mV p-p
CIN=0 μF
IOUT=100 µA
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR = 5.0V, VIN = 6.0V
IOUT = 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com