Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC040A Datasheet(PDF) 10 Page - Microchip Technology

Part # 25LC040A
Description  1K-4K SPI Serial EEPROM High Temp Family Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040A Datasheet(HTML) 10 Page - Microchip Technology

Back Button 25LC040A Datasheet HTML 6Page - Microchip Technology 25LC040A Datasheet HTML 7Page - Microchip Technology 25LC040A Datasheet HTML 8Page - Microchip Technology 25LC040A Datasheet HTML 9Page - Microchip Technology 25LC040A Datasheet HTML 10Page - Microchip Technology 25LC040A Datasheet HTML 11Page - Microchip Technology 25LC040A Datasheet HTML 12Page - Microchip Technology 25LC040A Datasheet HTML 13Page - Microchip Technology 25LC040A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
25LCXXXA
DS22136B-page 10
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 3-2:
BYTE WRITE SEQUENCE
FIGURE 3-3:
PAGE WRITE SEQUENCE
SI
CS
910 11
00
A8
0
0
0
01
76
5
432
10
Data Byte
SCK
0
2
3
4567
18
Instruction+Address MSb
Lower Address Byte
A7 A6 A5 A4 A3
A1 A0
A2
12 13 14 15 16 17 18 19 20 21 22 23
Twc
SO
High-impedance
For the 24LC010A device both A8 and A7 are don’t cares.
For the 24LC020A device A8 is a don’t care.
SI
CS
910 11
00
A8
0
0
0
01
7
6
5
432
10
Data Byte 1
SCK
0
2
34567
18
SI
CS
33 34 35
38 39
765
4321
0
Data Byte n (16 max.)
SCK
24
26 27 28 29 30 31
25
32
76
54321
0
Data Byte 3
76
54321
0
Data Byte 2
36 37
Instruction+Address MSb
Lower Address Byte
A7 A6 A5 A4 A3
A1 A0
A2
12 13 14 15 16 17 18 19 20 21 22 23
For the 24LC010A device both A8 and A7 are don’t cares.
For the 24LC020A device A8 is a don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com