Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC040A Datasheet(PDF) 18 Page - Microchip Technology

Part # 25LC040A
Description  1K-4K SPI Serial EEPROM High Temp Family Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040A Datasheet(HTML) 18 Page - Microchip Technology

Back Button 25LC040A Datasheet HTML 14Page - Microchip Technology 25LC040A Datasheet HTML 15Page - Microchip Technology 25LC040A Datasheet HTML 16Page - Microchip Technology 25LC040A Datasheet HTML 17Page - Microchip Technology 25LC040A Datasheet HTML 18Page - Microchip Technology 25LC040A Datasheet HTML 19Page - Microchip Technology 25LC040A Datasheet HTML 20Page - Microchip Technology 25LC040A Datasheet HTML 21Page - Microchip Technology 25LC040A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
25LCXXXA
DS22136B-page 18
Preliminary
© 2009 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision A (03/2009)
Original release.
Revision B (06/2009)
Revised Features: Endurance; Revised Note 1 in Sec-
tion 1.0 Electrical Characteristics; Revised Table 1-2,
Para. 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com