Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC128 Datasheet(PDF) 21 Page - Microchip Technology

Part # 25LC128
Description  8K-256K SPI Serial EEPROM High Temp Family Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC128 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 25LC128 Datasheet HTML 16Page - Microchip Technology 25LC128 Datasheet HTML 17Page - Microchip Technology 25LC128 Datasheet HTML 18Page - Microchip Technology 25LC128 Datasheet HTML 19Page - Microchip Technology 25LC128 Datasheet HTML 20Page - Microchip Technology 25LC128 Datasheet HTML 21Page - Microchip Technology 25LC128 Datasheet HTML 22Page - Microchip Technology 25LC128 Datasheet HTML 23Page - Microchip Technology 25LC128 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS22131C-page 21
25LCXXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
25LC080C =
25LC080D =
25LC160C =
25LC160D =
25LC320A =
25LC640A =
25LC128 =
25LC256 =
8k-bit, 2.5V, 16 Byte Page, SPI Serial EEPROM
8k-bit, 2.5V, 32 Byte Page, SPI Serial EEPROM
16k-bit, 2.5V, 16 Byte Page, SPI Serial EEPROM
16k-bit, 2.5V, 32 Byte Page, SPI Serial EEPROM
32k-bit, 2.5V, 32 Byte Page, SPI Serial EEPROM
64k-bit, 2.5V, 32 Byte Page, SPI Serial EEPROM
128k-bit, 2.5V, 64 Byte Page, SPI Serial EEPROM
256k-bit, 2.5V, 64 Byte Page, SPI Serial EEPROM
Tape & Reel:
Blank
=
T=
Standard packaging
Tape & Reel
Temperature
Range:
H=
-40
°C to+150°C
Package:
SN
=
Plastic SOIC (3.90 mm body), 8-lead
Examples:
a)
25LC080CT-H/SN = 8k-bit, 16-byte page, 2.5V
Serial EEPROM, Extended temp., Tape &
Reel, SOIC package
b)
25LC080D-H/SN = 8k-bit, 32-byte page, 2.5V
Serial EEPROM, Extended temp., SOIC pack-
age
c)
25LC160CT-H/SN = 16k-bit, 16-byte page,
2.5V Serial EEPROM, Extended temp., Tape &
Reel, SOIC package
d)
25LC160D-H/SN = 16k-bit, 32-byte page, 2.5V
Serial EEPROM, Extended temp., SOIC pack-
age
e)
25LC320AT-H/SN = 32k-bit, 32-byte page,
2.5V Serial EEPROM, Extended temp., Tape &
Reel, SOIC package
f)
25LC640A-H/SN = 64k-bit, 32-byte page, 2.5V
Serial EEPROM, Extended temp., SOIC pack-
age
g)
25LC128T-H/SN = 128k-bit, 64-byte page,
2.5V Serial EEPROM, Extended temp., Tape &
Reel, SOIC package
h)
25LC256-H/SN = 256k-bit, 64-byte page, 2.5V
Serial EEPROM, Extended temp., SOIC pack-
age
–
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com