Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC128 Datasheet(PDF) 15 Page - Microchip Technology

Part # 25LC128
Description  8K-256K SPI Serial EEPROM High Temp Family Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC128 Datasheet(HTML) 15 Page - Microchip Technology

Back Button 25LC128 Datasheet HTML 11Page - Microchip Technology 25LC128 Datasheet HTML 12Page - Microchip Technology 25LC128 Datasheet HTML 13Page - Microchip Technology 25LC128 Datasheet HTML 14Page - Microchip Technology 25LC128 Datasheet HTML 15Page - Microchip Technology 25LC128 Datasheet HTML 16Page - Microchip Technology 25LC128 Datasheet HTML 17Page - Microchip Technology 25LC128 Datasheet HTML 18Page - Microchip Technology 25LC128 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS22131C-page 15
25LCXXX
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Note:
Custom marking available.
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
0728
25LC32AH
1L7
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
8-Lead SOIC Package Marking (Pb-Free)
Device
Line 1 Marking
25LC080C
25LC80CT
25LC080D
25LC80DT
25LC160C
25LC16CT
25LC160D
25LC16DT
25LC320A
25LC32AT
25LC640A
25L640AT
25LC128
25LC128T
25LC256
25LC256T
Note 1:
T = Temperature Grade (H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com