Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC128 Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC128
Description  8K-256K SPI Serial EEPROM High Temp Family Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC128 Datasheet(HTML) 1 Page - Microchip Technology

  25LC128 Datasheet HTML 1Page - Microchip Technology 25LC128 Datasheet HTML 2Page - Microchip Technology 25LC128 Datasheet HTML 3Page - Microchip Technology 25LC128 Datasheet HTML 4Page - Microchip Technology 25LC128 Datasheet HTML 5Page - Microchip Technology 25LC128 Datasheet HTML 6Page - Microchip Technology 25LC128 Datasheet HTML 7Page - Microchip Technology 25LC128 Datasheet HTML 8Page - Microchip Technology 25LC128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS22131C-page 1
25LC080C 25LC320A
25LC080D 25LC640A
25LC160C
25LC128
25LC160D
25LC256
Features:
• Max. Clock 5 MHz
• Low-power CMOS Technology:
- Max. Write Current: 5 mA at 5.5V, 5 MHz
- Read Current: 5 mA at 5.5V, 5 MHz
- Standby Current: 10
μA at 5.5V
• 1024 x 8 through 32768 x 8-bit Organization
• Byte and Page-level Write Operations
• Self-timed Erase and Write Cycles (6 ms max.)
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability:
- Endurance: >1M erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Range Supported:
• Package is Pb-free and RoHS Compliant
Pin Function Table
Description:
Microchip Technology Inc. 25LCXXX* devices are Mid-
density 8 through 256 Kbit Serial Electrically Erasable
PROMs (EEPROM). The devices are organized in
blocks of x8-bit memory and support the Serial Periph-
eral Interface (SPI) compatible serial bus architecture.
Byte-level and page-level functions are supported.
The bus signals required are a clock input (SCK) plus
separate data in (SI) and data out (SO) lines. Access to
the device is controlled through a Chip Select (CS)
input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25LCXXX is available in a standard 8-lead SOIC
package. The package is Pb-free.
Package Types (not to scale)
- Extended (H):
-40°C to +150°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
SOIC
(SN)
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
*25LCXXX is used in this document as a generic part number for the 25 series devices.


Similar Part No. - 25LC128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC128 MICROCHIP-25LC128 Datasheet
553Kb / 26P
128K SPI Bus Serial EEPROM
2007
25LC128 MICROCHIP-25LC128 Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25LC128-E/MF MICROCHIP-25LC128-E/MF Datasheet
553Kb / 26P
128K SPI Bus Serial EEPROM
2007
25LC128-E/MF MICROCHIP-25LC128-E/MF Datasheet
424Kb / 26P
128K SPI Bus Serial EEPROM
2009
25LC128-E/P MICROCHIP-25LC128-E/P Datasheet
553Kb / 26P
128K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25LC128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080A MICROCHIP-25AA080A Datasheet
523Kb / 24P
8K SPI Bus Serial EEPROM
2003
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
I2C??Serial EEPROM Family Data Sheet
2007
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
25AA080C MICROCHIP-25AA080C Datasheet
486Kb / 28P
8K SPI Bus Serial EEPROM
2009
25LC080P MICROCHIP-25LC080P Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25LC080SN MICROCHIP-25LC080SN Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25AA080 MICROCHIP-25AA080_13 Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
10/26/12
25AA080C MICROCHIP-25AA080C_12 Datasheet
846Kb / 34P
8K SPI Bus Serial EEPROM
11/27/12
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
I2C??Serial EEPROM Family Data Sheet
06/25/07
25C080T-E MICROCHIP-25C080T-E Datasheet
210Kb / 22P
8K SPI Bus Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com