Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP40D17 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 28Page - Microchip Technology MCP40D17 Datasheet HTML 29Page - Microchip Technology MCP40D17 Datasheet HTML 30Page - Microchip Technology MCP40D17 Datasheet HTML 31Page - Microchip Technology MCP40D17 Datasheet HTML 32Page - Microchip Technology MCP40D17 Datasheet HTML 33Page - Microchip Technology MCP40D17 Datasheet HTML 34Page - Microchip Technology MCP40D17 Datasheet HTML 35Page - Microchip Technology MCP40D17 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
MCP40D17/18/19
DS22152B-page 32
© 2009 Microchip Technology Inc.
TABLE 4-1:
DEVICE FUNCTIONALITY AT EACH VDD REGION (NOTE 1)
FIGURE 4-1:
Power-up and Brown-out.
VDD Level
Serial
Interface
Potentiometer
Terminals
Wiper Setting
Comment
VDD < VBOR < 1.8V Ignored
“unknown”
Unknown
VBOR ≤ VDD < 1.8V “Unknown” Operational with
reduced electrical
specs
Wiper Register loaded
with POR/BOR value
1.8V
≤ V
DD < 2.7V
Accepted
Operational with
reduced electrical
specs
Wiper Register
determines Wiper
Setting
Electrical performance may not
meet the data sheet specifications.
2.7V
≤ V
DD ≤ 5.5V
Accepted
Operational
Wiper Register
determines Wiper
Setting
Meets the data sheet specifications
Note 1:
For system voltages below the minimum operating voltage, the customer will be recommended to use a
voltage supervisor to hold the system in reset. This will ensure that MCP4017/18/19 commands are not
attempted out of the operating range of the device.
VPOR/BOR
VSS
VDD
2.7V
Outside Specified
Normal Operation Range
Device’s Serial
Wiper Forced to Default POR/BOR setting
VBOR Delay
Normal Operation Range
1.8V
Interface is
“Not Operational”
AC/DC Range
Analog
Characteristics
not specified
Analog
Characteristics not specified
VRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com