Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP40D17 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 6Page - Microchip Technology MCP40D17 Datasheet HTML 7Page - Microchip Technology MCP40D17 Datasheet HTML 8Page - Microchip Technology MCP40D17 Datasheet HTML 9Page - Microchip Technology MCP40D17 Datasheet HTML 10Page - Microchip Technology MCP40D17 Datasheet HTML 11Page - Microchip Technology MCP40D17 Datasheet HTML 12Page - Microchip Technology MCP40D17 Datasheet HTML 13Page - Microchip Technology MCP40D17 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
MCP40D17/18/19
DS22152B-page 10
© 2009 Microchip Technology Inc.
TABLE 1-2:
I2C BUS DATA REQUIREMENTS (SLAVE MODE)
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ T
A ≤ +125°C (Extended)
Operating Voltage VDD range is described in AC/DC characteristics
Parame-
ter No.
Sym
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock high time
100 kHz mode
4000
—
ns
1.8V-5.5V
400 kHz mode
600
—
ns
2.7V-5.5V
101
TLOW
Clock low time
100 kHz mode
4700
—
ns
1.8V-5.5V
400 kHz mode
1300
—
ns
2.7V-5.5V
102A (5)
TRSCL
SCL rise time
100 kHz mode
—
1000
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb
300
ns
102B (5)
TRSDA
SDA rise time
100 kHz mode
—
1000
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb
300
ns
103A (5)
TFSCL
SCL fall time
100 kHz mode
—
300
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb
40
ns
103B (5)
TFSDA
SDA fall time
100 kHz mode
—
300
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb
(4)
300
ns
106
THD:DAT
Data input hold
time
100 kHz mode
0
—
ns
1.8V-5.5V, Note 6
400 kHz mode
0
—
ns
2.7V-5.5V, Note 6
107
TSU:DAT
Data input
setup time
100 kHz mode
250
—
ns
(2)
400 kHz mode
100
—
ns
109
TAA
Output valid
from clock
100 kHz mode
—
3450
ns
(1)
400 kHz mode
—
900
ns
110
TBUF
Bus free time
100 kHz mode
4700
—
ns
Time the bus must be free
before a new transmission
can start
400 kHz mode
1300
—
ns
TSP
Input filter spike
suppression
(SDA and SCL)
100 kHz mode
—
50
ns
Philips Spec states N.A.
400 kHz mode
—
50
ns
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(min. 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2:
A fast-mode (400 kHz) I2C-bus device can be used in a standard-mode (100 kHz) I2C-bus system, but the
requirement tsu; DAT
≥ 250 ns must then be met. This will automatically be the case if the device does not
stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal,
it must output the next data bit to the SDA line
TR max.+tsu;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I2C bus specification) before
the SCL line is released.
3:
The MCP40D18/MCP40D19 device must provide a data hold time to bridge the undefined part between
VIH and VIL of the falling edge of the SCL signal. This specification is not a part of the I2C specification, but
must be tested in order to guarantee that the output data will meet the setup and hold specifications for the
receiving device.
4:
Use Cb in pF for the calculations.
5:
Not Tested.
6:
A Master Transmitter must provide a delay to ensure that difference between SDA and SCL fall times do
not unintentionally create a Start or Stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com