Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP40D17 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 58Page - Microchip Technology MCP40D17 Datasheet HTML 59Page - Microchip Technology MCP40D17 Datasheet HTML 60Page - Microchip Technology MCP40D17 Datasheet HTML 61Page - Microchip Technology MCP40D17 Datasheet HTML 62Page - Microchip Technology MCP40D17 Datasheet HTML 63Page - Microchip Technology MCP40D17 Datasheet HTML 64Page - Microchip Technology MCP40D17 Datasheet HTML 65Page - Microchip Technology MCP40D17 Datasheet HTML 66Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 63
MCP40D17/18/19
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP40D17: Single Rheostat with I2C interface
MCP40D17T:Single Rheostat with I2C interface
(Tape and Reel)
MCP40D18: Single Potentiometer to GND with
I2C Interface
MCP40D18T:Single Potentiometer to GND with
I2C Interface (Tape and Reel)
MCP40D19: Single Rheostat to GND with
I2C Interface
MCP40D19T:Single Rheostat to GND with
I2C Interface (Tape and Reel)
Resistance
Version:
502 = 5 k
Ω
103 = 10 k
Ω
503 = 50 k
Ω
104 = 100 k
Ω
I2C Device
Address
Version:
blank = ‘0101110’
A= ‘0111110’ (1)
Temperature
Range:
E
= -40°C to +125°C
Package:
LT = Plastic Small Outline Transistor (SC70),
5-lead, 6-lead
Note 1:
This address is a standard option on the MCP40D18
device only. It is a custom device on the MCP40D17
and MCP40D19 devices.
Examples:
a)
MCP40D17T-502E/LT:
5 k
Ω,
6-LD SC70
b)
MCP40D17T-103E/LT:
10 k
Ω,
6-LD SC70
c)
MCP40D17T-503E/LT:
50 k
Ω,
6-LD SC70
d)
MCP40D17T-104E/LT:
100 k
Ω,
6-LD SC70
a)
MCP40D18T-502E/LT:
5 k
Ω,
6-LD SC70
b)
MCP40D18T-103E/LT:
10 k
Ω,
6-LD SC70
c)
MCP40D18T-503E/LT:
50 k
Ω,
6-LD SC70
d)
MCP40D18T-104E/LT:
100 k
Ω,
6-LD SC70
a)
MCP40D18T-502AE/LT: 5 k
Ω,
6-LD SC70
b)
MCP40D18T-103AE/LT: 10 k
Ω,
6-LD SC70
c)
MCP40D18T-503AE/LT: 50 k
Ω,
6-LD SC70
d)
MCP40D18T-104AE/LT: 100 k
Ω,
6-LD SC70
a)
MCP40D19T-502E/LT:
5 k
Ω,
5-LD SC70
b)
MCP40D19T-103E/LT:
10 k
Ω,
5-LD SC70
c)
MCP40D19T-503E/LT:
50 k
Ω,
5-LD SC70
d)
MCP40D19T-104E/LT:
100 k
Ω,
5-LD SC70
PART NO.
X
/XX
Package
Temperature
Range
Device
XXX
Resistance
Version
X
I2C Device
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com