Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-104E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP4232-104E/P
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-104E/P Datasheet(HTML) 2 Page - Microchip Technology

  MCP4232-104E/P Datasheet HTML 1Page - Microchip Technology MCP4232-104E/P Datasheet HTML 2Page - Microchip Technology MCP4232-104E/P Datasheet HTML 3Page - Microchip Technology MCP4232-104E/P Datasheet HTML 4Page - Microchip Technology MCP4232-104E/P Datasheet HTML 5Page - Microchip Technology MCP4232-104E/P Datasheet HTML 6Page - Microchip Technology MCP4232-104E/P Datasheet HTML 7Page - Microchip Technology MCP4232-104E/P Datasheet HTML 8Page - Microchip Technology MCP4232-104E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 2
© 2008 Microchip Technology Inc.
Device Block Diagram
Device Features
Device
Wiper
Configuration
Resistance (typical)
VDD
Operating
Range (2)
RAB Options (kΩ)
Wiper
- RW
(Ω)
MCP4131 (3)
1 Potentiometer (1) SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
129 1.8V to 5.5V
MCP4132 (3)
1
Rheostat
SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
129 1.8V to 5.5V
MCP4141
1 Potentiometer (1) SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
129 2.7V to 5.5V
MCP4142
1
Rheostat
SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
129 2.7V to 5.5V
MCP4151 (3)
1 Potentiometer (1) SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
257 1.8V to 5.5V
MCP4152 (3)
1
Rheostat
SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
257 1.8V to 5.5V
MCP4161
1 Potentiometer (1) SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
257 2.7V to 5.5V
MCP4162
1
Rheostat
SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
257 2.7V to 5.5V
MCP4231 (3)
2 Potentiometer (1) SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
129 1.8V to 5.5V
MCP4232 (3)
2
Rheostat
SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
129 1.8V to 5.5V
MCP4241
2 Potentiometer (1) SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
129 2.7V to 5.5V
MCP4242
2
Rheostat
SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
129 2.7V to 5.5V
MCP4251 (3)
2 Potentiometer (1) SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
257 1.8V to 5.5V
MCP4252 (3)
2
Rheostat
SPI RAM
No
Mid-Scale 5.0, 10.0, 50.0, 100.0
75
257 1.8V to 5.5V
MCP4261
2 Potentiometer (1) SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
257 2.7V to 5.5V
MCP4262
2
Rheostat
SPI
EE
Yes NV Wiper 5.0, 10.0, 50.0, 100.0
75
257 2.7V to 5.5V
Note 1: Floating either terminal (A or B) allows the device to be used as a Rheostat (variable resistor).
2: Analog characteristics only tested from 2.7V to 5.5V unless otherwise noted.
3: Please check Microchip web site for device release and availability.
Power-up/
Brown-out
Control
VDD
VSS
SPI Serial
Interface
Module &
Control
Logic
(WiperLock™
Technology)
Resistor
Network 0
(Pot 0)
Wiper 0
& TCON
Register
Resistor
Network 1
(Pot 1)
Wiper 1
& TCON
Register
CS
SCK
SDI
SDO
NC
SHDN
Memory (4x9)
Wiper0
Wiper1
TCON
STATUS
P0A
P0W
P0B
P1A
P1W
P1B
For Dual Resistor Network
Devices Only
For Dual Potentiometer
Devices Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com