Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-104E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP4232-104E/P
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-104E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP4232-104E/P Datasheet HTML 11Page - Microchip Technology MCP4232-104E/P Datasheet HTML 12Page - Microchip Technology MCP4232-104E/P Datasheet HTML 13Page - Microchip Technology MCP4232-104E/P Datasheet HTML 14Page - Microchip Technology MCP4232-104E/P Datasheet HTML 15Page - Microchip Technology MCP4232-104E/P Datasheet HTML 16Page - Microchip Technology MCP4232-104E/P Datasheet HTML 17Page - Microchip Technology MCP4232-104E/P Datasheet HTML 18Page - Microchip Technology MCP4232-104E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 15
MCP413X/415X/423X/425X
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-1:
Device Current (IDD) vs. SPI
Frequency (fSCK) and Ambient Temperature
(VDD = 2.7V and 5.5V).
FIGURE 2-2:
Device Current (ISHDN) and
VDD. (CS = VDD) vs. Ambient Temperature.
FIGURE 2-3:
CS Pull-up/Pull-down
Resistance (RCS) and Current (ICS) vs. CS Input
Voltage (VCS) (VDD = 5.5V).
FIGURE 2-4:
CS High Input Entry/Exit
Threshold vs. Ambient Temperature and VDD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
50
100
150
200
250
300
350
400
450
500
550
600
650
0.00
2.00
4.00
6.00
8.00
10.00
12.00
fSCK (MHz)
2.7V -40°C
2.7V 25°C
2.7V 85°C
2.7V 125°C
5.5V -40°C
5.5V 25°C
5.5V 85°C
5.5V 125°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
25
85
125
Ambient Temperature (°C)
5.5V
2.7V
0
50
100
150
200
250
234
56
789
10
VCS (V)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
ICS
RCS
0
2
4
6
8
10
12
-40
-20
0
20
406080
100
120
Ambient Temperature (°C)
2.7V Exit
5.5V Exit
2.7V Entry
5.5V Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com