Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-104E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4232-104E/P
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-104E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP4232-104E/P Datasheet HTML 1Page - Microchip Technology MCP4232-104E/P Datasheet HTML 2Page - Microchip Technology MCP4232-104E/P Datasheet HTML 3Page - Microchip Technology MCP4232-104E/P Datasheet HTML 4Page - Microchip Technology MCP4232-104E/P Datasheet HTML 5Page - Microchip Technology MCP4232-104E/P Datasheet HTML 6Page - Microchip Technology MCP4232-104E/P Datasheet HTML 7Page - Microchip Technology MCP4232-104E/P Datasheet HTML 8Page - Microchip Technology MCP4232-104E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 1
MCP413X/415X/423X/425X
Features
• Single or Dual Resistor Network options
• Potentiometer or Rheostat configuration options
• Resistor Network Resolution
- 7-bit: 128 Resistors (129 Steps)
- 8-bit: 256 Resistors (257 Steps)
•RAB Resistances options of:
-5 kΩ
-10 kΩ
-50 kΩ
- 100 kΩ
• Zero Scale to Full-Scale Wiper operation
• Low Wiper Resistance: 75Ω (typical)
• Low Tempco:
- Absolute (Rheostat): 50 ppm typical
(0°C to 70°C)
- Ratiometric (Potentiometer): 15 ppm typical
• SPI Serial Interface (10 MHz, modes 0,0 & 1,1)
- High-Speed Read/Writes to wiper registers
- SDI/SDO multiplexing (MCP41X1 only)
• Resistor Network Terminal Disconnect Feature
via:
- Shutdown pin (SHDN)
- Terminal Control (TCON) Register
• Brown-out reset protection (1.5V typical)
• Serial Interface Inactive current (2.5 uA typical)
• High-Voltage Tolerant Digital Inputs: Up to 12.5V
• Supports Split Rail Applications
• Internal weak pull-up on all digital inputs
• Wide Operating Voltage:
- 2.7V to 5.5V - Device Characteristics
Specified
- 1.8V to 5.5V - Device Operation
• Wide Bandwidth (-3 dB) Operation:
- 2 MHz (typical) for 5.0 kΩ device
• Extended temperature range (-40°C to +125°C)
Description
The MCP41XX and MCP42XX devices offer a wide
range of product offerings using an SPI interface. This
family of devices support 7-bit and 8-bit resistor
networks, and Potentiometer and Rheostat pinouts.
Package Types (top view)
1
2
3
4
5
6
7
8
P0W
P0B
P0A
VSS
VDD
MCP41X1
Single Potentiometer
PDIP, SOIC, MSOP
CS
SDI/SDO
SCK
1
2
3
4
5
6
7
8
P0B
SDO
P0W
VDD
MCP41X2
Single Rheostat
PDIP, SOIC, MSOP
1
2
3
4
11
12
13
14
SHDN
SDO
WP
VDD
MCP42X1 Dual Potentiometers
PDIP, SOIC, TSSOP
5
6
7
8
9
10
P0W
P0B
P0A
P1A
P1W
P1B
VSS
CS
SDI
SCK
VSS
CS
SDI
SCK
4x4 QFN*
1
2
3
4
7
8
9
10
SDO
VDD
MCP42X2 Dual Rheostat
MSOP, DFN
5
6
P0B
P0W
P1W
P1B
VSS
CS
SDI
SCK
3x3 DFN*
SDI/SDO
SCK
VSS
P0B
P0W
1
2
3
4
8
7
6
5 P0A
CS
EP
9
3x3 DFN*
SDI
SCK
VSS
SDO
P0B
1
2
3
4
8
7
6
5 P0W
VDD
CS
EP
9
VDD
3x3 DFN*
SDI
SCK
VSS
SDO
P0B
1
2
3
4
10
9
8
7 P0W
CS
EP
11
VDD
5
6
P1B
P1W
* Includes Exposed Thermal Pad (EP); see Table 3-1.
2
VSS
VSS
SCK
WP
NC
P0B
P0W
SDI
EP
16
1
15 14 13
3
4
12
11
10
9
56
7
8
17
7/8-Bit Single/Dual SPI Digital POT with Volatile Memory


Similar Part No. - MCP4232-104E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP42010 MICROCHIP-MCP42010 Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42010 MICROCHIP-MCP42010 Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42010-EP MICROCHIP-MCP42010-EP Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42010-EP MICROCHIP-MCP42010-EP Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42010-EST MICROCHIP-MCP42010-EST Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results

Similar Description - MCP4232-104E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP414X MICROCHIP-MCP414X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
MCP41HVX1 MICROCHIP-MCP41HVX1 Datasheet
2Mb / 90P
7/8-Bit Single, 36V (짹18V) Digital POT with SPI Serial Interface and Volatile Memory
2013
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP4361-103E MICROCHIP-MCP4361-103E Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com