Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-103I/SN Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4232-103I/SN
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-103I/SN Datasheet(HTML) 3 Page - Microchip Technology

  MCP4232-103I/SN Datasheet HTML 1Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 2Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 3Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 4Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 5Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 6Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 7Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 8Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 3
MCP413X/415X/423X/425X
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Voltage on VDD with respect to VSS ............... -0.6V to +7.0V
Voltage on CS, SCK, SDI, SDI/SDO, and
SHDN with respect to VSS ...................................... -0.6V to 12.5V
Voltage on all other pins (PxA, PxW, PxB, and
SDO) with respect to VSS ............................ -0.3V to VDD + 0.3V
Input clamp current, IIK
(VI < 0, VI > VDD, VI > VPP ON HV pins) ......................±20 mA
Output clamp current, IOK
(VO < 0 or VO > VDD) ..................................................±20 mA
Maximum output current sunk by any Output pin
......................................................................................25 mA
Maximum output current sourced by any Output pin
......................................................................................25 mA
Maximum current out of VSS pin .................................100 mA
Maximum current into VDD pin ....................................100 mA
Maximum current into PXA, PXW & PXB pins ............±2.5 mA
Storage temperature ....................................-65°C to +150°C
Ambient temperature with power applied
.....................................................................-40°C to +125°C
Total power dissipation (Note 1) ................................400 mW
Soldering temperature of leads (10 seconds) ............. +300°C
ESD protection on all pins
.................................. ≥ 4 kV (HBM),
..........................................................................
≥ 300V (MM)
Maximum Junction Temperature (TJ) ......................... +150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
Note 1: Power dissipation is calculated as follows:
Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com