Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-103I/SN Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP4232-103I/SN
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-103I/SN Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP4232-103I/SN Datasheet HTML 9Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 10Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 11Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 12Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 13Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 14Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 15Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 16Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 13
MCP413X/415X/423X/425X
TABLE 1-3:
SPI REQUIREMENTS FOR SDI/SDO MULTIPLEXED (READ OPERATION ONLY) (2)
Characteristic
Symbol
Min
Max Units
Conditions
SCK Input Frequency
FSCK
—250
kHz
VDD = 2.7V to 5.5V
CS Active (VIL or VIHH) to SCK↑ input
TcsA2scH
60
—
ns
SCK input high time
TscH
1.8
—
us
SCK input low time
TscL
1.8
—
ns
Setup time of SDI input to SCK
↑ edge
TDIV2scH
40
—
ns
Hold time of SDI input from SCK
↑ edge
TscH2DIL40
—
ns
CS Inactive (VIH) to SDO output hi-impedance
TcsH2DOZ
—
50
ns
Note 1
SDO data output valid after SCK
↓ edge
TscL2DOV—
1.6
us
SDO data output valid after
CS Active (VIL or VIHH)
TssL2doV
—
50
ns
CS Inactive (VIH) after SCK↓ edge
TscH2csI
100
—
ns
Hold time of CS Inactive (VIH) to
CS Active (VIL or VIHH)
TcsA2csI
50
—
ns
Note 1: This specification by design.
2: This table is for the devices where the SPI’s SDI and SDO pins are multiplexed (SDI/SDO) and a Read
command is issued. This is NOT required for SDI/SDO operation with the Increment, Decrement, or Write
commands. This data rate can be increased by having external pull-up resistors to increase the rising
edges of each bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com