Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-103I/SN Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP4232-103I/SN
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-103I/SN Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP4232-103I/SN Datasheet HTML 3Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 4Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 5Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 6Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 7Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 8Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 9Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 10Page - Microchip Technology MCP4232-103I/SN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 7
MCP413X/415X/423X/425X
Rheostat Integral
Non-linearity
MCP41X1
(Note 4, Note 8)
MCP4XX2
devices only
(Note 4)
R-INL
-1.5
±0.5
+1.5
LSb
5 kΩ
8-bit 5.5V, IW = 900 µA
-8.25
+4.5
+8.25
LSb
3.0V, IW = 480 µA
(Note 7)
Section 2.0
1.8V
-1.125
±0.5
+1.125
LSb
7-bit 5.5V, IW = 900 µA
-6.0
+4.5
+6.0
LSb
3.0V, IW = 480 µA
(Note 7)
Section 2.0
1.8V
-1.5
±0.5
+1.5
LSb
10 kΩ
8-bit 5.5V, IW = 450 µA
-5.5
+2.5
+5.5
LSb
3.0V, IW = 240 µA
(Note 7)
Section 2.0
1.8V
-1.125
±0.5
+1.125
LSb
7-bit 5.5V, IW = 450 µA
-4.0
+2.5
+4.0
LSb
3.0V, IW = 240 µA
(Note 7)
Section 2.0
1.8V
-1.5
±0.5
+1.5
LSb
50 kΩ
8-bit 5.5V, IW = 90 µA
-2.0
+1
+2.0
LSb
3.0V, IW = 48 µA
(Note 7)
Section 2.0
1.8V
-1.125
±0.5
+1.125
LSb
7-bit 5.5V, IW = 90 µA
-1.5
+1
+1.5
LSb
3.0V, IW = 48 µA
(Note 7)
Section 2.0
1.8V
-1.0
±0.5
+1.0
LSb
100 kΩ 8-bit 5.5V, IW = 45 µA
-1.5
+0.25
+1.5
LSb
3.0V, IW = 24 µA
(Note 7)
Section 2.0
1.8V
-0.8
±0.5
+0.8
LSb
7-bit 5.5V, IW = 45 µA
-1.125
+0.25
+1.125
LSb
3.0V, IW = 24 µA
(Note 7)
Section 2.0
1.8v
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ TA ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Resistance is defined as the resistance between terminal A to terminal B.
2: INL and DNL are measured at VW with VA = VDD and VB = VSS.
3: MCP4XX1 only.
4: MCP4XX2 only, includes VWZSE and VWFSE.
5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6: This specification by design.
7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
8: The MCP4XX1 is externally connected to match the configurations of the MCP41X2 and MCP42X2, and
then tested.
9: POR/BOR is not rate dependent.
10: Supply current is independent of current through the resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com