Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2906SA Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DS2906SA
Description  Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SA Datasheet(HTML) 1 Page - Dynex Semiconductor

  DS2906SA Datasheet HTML 1Page - Dynex Semiconductor DS2906SA Datasheet HTML 2Page - Dynex Semiconductor DS2906SA Datasheet HTML 3Page - Dynex Semiconductor DS2906SA Datasheet HTML 4Page - Dynex Semiconductor DS2906SA Datasheet HTML 5Page - Dynex Semiconductor DS2906SA Datasheet HTML 6Page - Dynex Semiconductor DS2906SA Datasheet HTML 7Page - Dynex Semiconductor DS2906SA Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS2906SA
Rectifier Diode
DS5922-1.1 March 2009 (LN26638)
1/8
www.dynexsemi.com
FEATURES
Double Side Cooling
High Surge Capability
APPLICATIONS
Rectification
Free-wheel Diode
DC Motor Control
Power Supplies
Welding
Battery Chargers
VOLTAGE RATINGS
Part and
Ordering
Number
Repetitive Peak
Voltages
VDRM and VDRM
V
Conditions
DS2906SA40
DS2906SA39
DS2906SA38
DS2906SA37
DS2906SA36
DS2906SA35
4000
3900
3800
3700
3600
3500
VRSM = VRRM+100V
Lower voltage grades available.
ORDERING INFORMATION
When ordering, select the required part number
shown in the Voltage Ratings selection table.
For example:
DS2906SA39
Note: Please use the complete part number when ordering
and quote this number in any future correspondence
relating to your order.
KEY PARAMETERS
VRRM
4000V
IF(AV)
5651A
IFSM
83000A
Outline type code: A
(See Package Details for further information)
Fig. 1 Package outlines


Similar Part No. - DS2906SA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DS2906SZ DYNEX-DS2906SZ Datasheet
102Kb / 7P
Rectifier Diode
DS2906SZ35 DYNEX-DS2906SZ35 Datasheet
102Kb / 7P
Rectifier Diode
DS2906SZ36 DYNEX-DS2906SZ36 Datasheet
102Kb / 7P
Rectifier Diode
DS2906SZ37 DYNEX-DS2906SZ37 Datasheet
102Kb / 7P
Rectifier Diode
DS2906SZ38 DYNEX-DS2906SZ38 Datasheet
102Kb / 7P
Rectifier Diode
More results

Similar Description - DS2906SA

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com