Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2906SA Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DS2906SA
Description  Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SA Datasheet(HTML) 5 Page - Dynex Semiconductor

  DS2906SA Datasheet HTML 1Page - Dynex Semiconductor DS2906SA Datasheet HTML 2Page - Dynex Semiconductor DS2906SA Datasheet HTML 3Page - Dynex Semiconductor DS2906SA Datasheet HTML 4Page - Dynex Semiconductor DS2906SA Datasheet HTML 5Page - Dynex Semiconductor DS2906SA Datasheet HTML 6Page - Dynex Semiconductor DS2906SA Datasheet HTML 7Page - Dynex Semiconductor DS2906SA Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SEMICONDUCTOR
DS2906SA
5/8
www.dynexsemi.com
0
2000
4000
6000
8000
10000
12000
14000
16000
0
1
2
3
4
5
6
7
8
Rate of decay of forward current, dIf/dt - (A/µs)
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
8
Rate of decay of forward current, dIf/dt - (A/µs)
Fig.4 Stored charge
Fig.5 Reverse recovery current
10
1
0.1
0.01
0.001
Time - (s)
0.1
0.01
0.001
0.0001
Double side cooled
Anode side cooled
100
Conduction
d.c.
Halfwave
3 phase 120°
6 phase 60°
Effective thermal resistance
Junction to case ° C/W
Double side
0.0065
0.0072
0.0073
0.0076
Single side
0.013
0.0137
0.0138
0.0141
0
10
20
30
40
50
60
70
80
90
1
10
100
Number of pulses
Conditions :
Tcase = 150ºC
VR = 0
Pulse width = 10ms
Fig.6 Maximum (limit) transient thermal impedance –
junction to case
Fig.7 Multi-cycle surge current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com