Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2906SA Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DS2906SA
Description  Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SA Datasheet(HTML) 4 Page - Dynex Semiconductor

  DS2906SA Datasheet HTML 1Page - Dynex Semiconductor DS2906SA Datasheet HTML 2Page - Dynex Semiconductor DS2906SA Datasheet HTML 3Page - Dynex Semiconductor DS2906SA Datasheet HTML 4Page - Dynex Semiconductor DS2906SA Datasheet HTML 5Page - Dynex Semiconductor DS2906SA Datasheet HTML 6Page - Dynex Semiconductor DS2906SA Datasheet HTML 7Page - Dynex Semiconductor DS2906SA Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SEMICONDUCTOR
DS2906SA
4/8
www.dynexsemi.com
CURVES
0
1000
2000
3000
4000
5000
6000
7000
8000
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Instantaneous forward voltage, VF - (V)
Tj = 150°C
Tj = 25°C
0
1000
2000
3000
4000
5000
6000
7000
0
1000
2000
3000
4000
5000
6000
Mean on-state current, IT(AV) - (A)
dc
1/2 wave
3 phase
6 phase
Fig.2 Maximum (limit) forward characteristics
Fig.3 Power loss curves
VTM EQUATION
Where
A = - 0.01591
B = 0.113682
VTM = A + Bln (IT) + C.IT+D. IT
C = 8.04 x 10
-5
D = - 0.00284
these values are valid for Tj = 150°C for IF 500A to 7000A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com