Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ41HE4BAFA Datasheet(PDF) 15 Page - Elpida Memory

Part # EBJ41HE4BAFA
Description  4GB Registered DDR3 SDRAM DIMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BAFA Datasheet(HTML) 15 Page - Elpida Memory

Back Button EBJ41HE4BAFA Datasheet HTML 11Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 12Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 13Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 14Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 15Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 16Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 17Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 18Page - Elpida Memory EBJ41HE4BAFA Datasheet HTML 19Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
EBJ41HE4BAFA
Data Sheet E1256E40 (Ver. 4.0)
15
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR3-1333
DDR3-1066
DDR3-800
Parameter
9-9-9
7-7-7
6-6-6
Unit
CL (IDD)
9
7
6
tCK
tCK min.(IDD)
1.5
1.875
2.5
ns
tRCD min. (IDD)
13.5
13.13
15
ns
tRC min. (IDD)
49.5
50.63
52.5
ns
tRAS min.(IDD)
36
37.5
37.5
ns
tRP min. (IDD)
13.5
13.13
15
ns
tFAW (IDD)-
×4/×8
30
37.5
40
ns
tRRD (IDD)-
×4/×8
6.0
7.5
10
ns
tRFC (IDD)
110
110
110
ns
DC Characteristics 2 (TC = 0°C to +85°C, VDD, VDDQ = 1.5V
± 0.075V)
(DDR3 SDRAM Component Specification)
Parameter
Symbol
Value
Unit
Notes
Input leakage current
ILI
2
µA
VDD
≥ VIN ≥ VSS
Output leakage current
ILO
5
µA
DDQ
≥ VOUT ≥ VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com