| Electronic Components Datasheet Search |
|
EBJ41HE4BAFA Datasheet(PDF) 16 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EBJ41HE4BAFA Datasheet(HTML) 16 Page - Elpida Memory |
|
16 / 21 page ![]() EBJ41HE4BAFA Data Sheet E1256E40 (Ver. 4.0) 16 Pin Functions CK, /CK (input pin) CK and /CK are differential clock inputs. All address and control input signals are sampled on the crossing of the positive edge of CK and negative edge of /CK. Output (read) data is referenced to the crossings of CK and /CK (both directions of crossing). /CS (input pin) All commands are masked when /CS is registered high. /CS provides for external rank selection on systems with multiple ranks. /CS is considered part of the command code. /RAS, /CAS, and /WE (input pins) /RAS, /CAS and /WE (along with /CS) define the command being entered. A0 to A15 (input pins) Provided the row address for active commands and the column address for read/write commands to select one location out of the memory array in the respective bank. (A10(AP) and A12(/BC) have additional functions, see below) The address inputs also provide the op-code during mode register set commands. [Address Pins Table] Address (A0 to A13) Row address (RA) Column address (CA) Notes AX0 to AX13 AY0 to AY9, A11 A10(AP) (input pin) A10 is sampled during read/write commands to determine whether auto-precharge should be performed to the accessed bank after the read/write operation. (high: auto-precharge; low: no auto-precharge) A10 is sampled during a precharge command to determine whether the precharge applies to one bank (A10 = low) or all banks (A10 = high). If only one bank is to be precharged, the bank is selected by bank addresses (BA). A12 (/BC) (input pin) A12 is sampled during read and write commands to determine if burst chop (on-the-fly) will be performed. (A12 = high: no burst chop, A12 = low: burst chopped.) BA0 to BA2 (input pins) BA0, BA1 and BA2 define to which bank an active, read, write or precharge command is being applied. BA0 and BA1 also determine if a mode register is to be accessed during a MRS cycle. [Bank Select Signal Table] BA0 BA1 BA2 Bank 0 L L L Bank 1 H L L Bank 2 L H L Bank 3 H H L Bank 4 L L H Bank 5 H L H Bank 6 L H H Bank 7 H H H Remark: H: VIH. L: VIL. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |