Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8533ECHXARJB Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8533ECHXARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECHXARJB Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECHXARJB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
52
Freescale Semiconductor
JTAG
12 JTAG
This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the
MPC8533E.
12.1
JTAG DC Electrical Characteristics
Table 44 provides the DC electrical characteristics for the JTAG interface.
12.2
JTAG AC Electrical Specifications
Table 45 provides the JTAG AC timing specifications as defined in Figure 30 through Figure 33.
Table 44. JTAG DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±5
μA1
High-level output voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
V
Low-level output voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN.
Table 45. JTAG AC Timing Specifications (Independent of SYSCLK)1
At recommended operating conditions (see Table 3).
Parameter
Symbol2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
0
33.3
MHz
JTAG external clock cycle time
tJTG
30
ns
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
ns
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
TRST assert time
tTRST
25
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
0
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
20
25
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
4
4
20
25
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com