Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378ECZQAFDA Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8378ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECZQAFDA Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECZQAFDA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
29
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 10 shows the SGMII receiver input compliance mask eye diagram.
Figure 10. SGMII Receiver Input Compliance Mask
8.3.2
AC Requirements for SGMII L1_SD_REF_CLK and L1_SD_REF_CLK
Table 29 lists the AC timing specifications. Note that L1_SD_REF_CLK and L1_SD_REF_CLK are not
intended to be used with, and should not be clocked by, a spread spectrum clock source.
Table 29. L1_SD_REF_CLK and L1_SD_REF_CLK AC Requirements
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
L1_SD_REF_CLK/_B reference clock cycle time
100 MHz
125 MHz
tCK_REF
—
10
8
—ns
1,
L1_SD_REF_CLK/_B rise/fall time (80%-20%)
tCK_RISE/tCK_FALL
——
1
ns
—
L1_SD_REF_CLK/_B duty cycle (@50% L1_
nVDD)tck_dty
45%
—
55%
ps
—
L1_SD_REF_CLK/_B cycle to cycle clock jitter (period
jitter)
tCKCJ
—
—
100
ps
—
L1_SD_REF_CLK/_B phase jitter peak-to-peak.
Deviation in edge location with respect to mean edge
location.
tCKPJ
–50
—
50
ps
—
Note:
1 Both options provide serial interface bit rate of 1.25 Gbps. 8 ns only applies when 125 MHz SerDes1 clock frequency is
selected during POR.
Tolerance of ±100 ppm.
0.275
0.4
0.6
0.725
01
VRX_DIFFp-p-max/2
VRX_DIFFp-p-min/2
0
–VRX_DIFFp-p-min/2
–VRX_DIFFp-p-max/2
Time (UI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com