Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378ECZQAFDA Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8378ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECZQAFDA Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECZQAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
37
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.4.2
MII Management AC Electrical Specifications
Table 37 provides the MII management AC timing specifications.
Table 36. MII Management DC Electrical Characteristics When Powered at 3.3 V
Parameter
Conditions
Symbol
Min
Max
Unit
Supply voltage (3.3 V)
—
LVDD1
3.135
3.465
V
Output high voltage
IOH = –1.0 mA
LVDD1 = Min
VOH
2.10
LVDD1 +0.3
V
Output low voltage
IOL = 1.0 mA
LVDD1 = Min
VOL
GND
0.50
V
Input high voltage
—
VIH
2.00
—
V
Input low voltage
—
VIL
—0.80
V
Input high current
LVDD1 = Max
VIN
1 = 2.1 V
IIH
—30
μA
Input low current
LVDD1 = Max
VIN = 0.5 V
IIL
–600
—
μA
Table 37. MII Management AC Timing Specifications
Parameter
Symbol1
Min
Typical
Max
Unit
Notes
MDC frequency
fMDC
2.5
—
8.3
MHz
2, 3
MDC period
tMDC
80
—
400
ns
—
MDC clock pulse width high
tMDCH
32
—
—
ns
—
MDC to MDIO valid
tMDKHDV
2
× (tplb_clk × 8)
—
ns
5
MDC to MDIO delay
tMDKHDX
10
—
2
× (tplb_clk × 8)
ns
3, 5
MDIO to MDC setup time
tMDDVKH
5—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
MDC rise time
tMDCR
——
10
ns
4
MDC fall time
tMDCF
——
10
ns
4
Note:
1 The symbols used for timing specifications herein follow the pattern of t
(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes
management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or data
hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach the
valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall times, the
latter convention is used with the appropriate letter: R (rise) or F (fall).
2 This parameter is dependent on the system clock speed. (The maximum frequency is the maximum platform frequency
divided by 64.)
3 This parameter is dependent on the system clock speed. (That is, for a system clock of 267 MHz, the maximum frequency
is 8.3 MHz and the minimum frequency is 1.2 MHz; for a system clock of 375 MHz, the maximum frequency is 11.7 MHz and
the minimum frequency is 1.7 MHz.)
4 Guaranteed by design.
5 t
plb_clk is the platform (CSB) clock divided according to the SCCR[TSEC1CM].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com