Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378ECZQAFDA Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8378ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECZQAFDA Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECZQAFDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
103
Package and Pin Listings
L2_SD_TXA_P
E18
O
L2_XPADVDD
—
L2_SD_TXE_N
D15
O
L2_XPADVDD
—
L2_SD_TXE_P
E15
O
L2_XPADVDD
—
L2_SDAVDD_0
A16
SerDes
PLL Power
(1.0 or
1.05 V)
——
L2_SDAVSS_0
C17
SerDes
PLL GND
——
L2_XCOREVDD
A14, B14, D17, B18, B20
SerDes
Core Power
(1.0 or
1.05 V)
——
L2_XCOREVSS
C14, C16, A18, C18, A20, C20
SerDes
Core GND
——
L2_XPADVDD
D14, E16, F18, D19, E19
SerDes I/O
Power (1.0
or 1.05 V)
——
L2_XPADVSS
D16, E17, D20
SerDes I/O
GND
——
SPI Interface
SPICLK/SD_CLK
AH9
I/O
OVDD
—
SPIMISO/SD_DAT0
AD11
I/O
OVDD
—
SPIMOSI/SD_CMD
AJ9
I/O
OVDD
—
SPISEL_B/SD_CD
AE11
I
OVDD
—
System Control Interface
SRESET_B
AD12
I/O
OVDD
2
HRESET_B
AE12
I/O
OVDD
1
PORESET_B
AE14
I
OVDD
—
Test Interface
TEST
E10
I
OVDD
10
Thermal Management
Reserved
F15
I
—
13
Power Supply Signals
Table 67. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com