Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6501BA1WA300 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6501BA1WA300
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1WA300 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6501BA1WA300 Datasheet HTML 1Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 2Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 3Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 4Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 5Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 6Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DA6501.001
27 October 2008
4 (16)
ELECTRICAL CHARACTERISTICS
TA = -20
oC to +60oC, Typ T
A = 25
oC, VDD = 2.35 V, R
sensor = 4.5kΩ unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
16
Bit
Resolution
ISR = 325 mV
ISR = 98 mV
4.9
1.5
µV
Accuracy
ISRLIN = 282 mV, OSR = 512
ISRLIN = 85 mV, OSR = 512
17
5.1
µV
Integral Nonlinearity
INL
4
LSB
Differential Nonlinearity
DNL
3
LSB
ENOB
(Effective Number of Bits)
ISRLIN = 282 mV
OSR=512
OSR=256
OSR=128
OSR=64
14
13
12
10
Bit
External Clock Signal
MCLK
30000
32768
35000
Hz
Delay Between End of
Conversion and ADC
Result Read-Out
tDEL
MCLK = 32768 Hz
0.1
ms
Duty Cycle of MCLK
DUTYC
Master Clock Division Enabled
XENMCLKDIV=0
60/40
50/50
40/60
%
Serial Data Clock
SCL
400
kHz
Input Signal Conversion
Range
ISR
ISCR = 1
ISCR = 0
325
98
mV
Linear Input Signal
Conversion Range
ISRLIN
ISCR = 1
ISCR = 0
282
85
mV
Output Code Values
0
65152
Temperature Measurement
Resistors
R1
R2
R3
R4
-15%
7710
17000
3073
17000
+15%
Ω
Temperature Measurement
Resistors Temp Coefficient
TCR
TBD
-280
TBD
ppm /
°C
Note: ISCR refer to the I
2C serial interface control bits, see table 1 on page 5.
TBD = To Be Defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com