Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6501BA1WA300 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6501BA1WA300
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1WA300 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6501BA1WA300 Datasheet HTML 2Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 3Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 4Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 5Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 6Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 9Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DA6501.001
27 October 2008
6 (16)
I
2C SERIAL INTERFACE CONTROL
Serial Interface
MAS6501 has two wire serial I2C bus type interface
comprising of serial clock (SCL) and serial data
(SDA) pins. I2C bus is used to write configuration
data
to
sensor
interface
IC
and
read
the
measurement result when A/D conversion has been
finished.
Digital interface includes also master clock (MCLK),
end of conversion (EOC) and master reset (XCLR)
pins.
MLCK signal is needed to be clocked during
conversion period. It can be stopped after EOC
goes high which indicates that A/D conversion has
been accomplished. MCLK signal can also be
running all the time.
XCLR is used to reset the A/D converter. Reset
initializes internal registers and counters. After
connecting supply voltage to MAS6501 and before
starting operating the device via I2C bus it is
required to reset the device with XCLR reset pin if
supply voltage rise time has been longer than 400
ns. If the supply voltage rise time is shorter than this
the external reset with XCLR pin is unnecessary
since the device is automatically reset by power on
reset (POR) circuitry.
Device and Register Addresses
I2C bus standard makes it possible to connect
several I2C bus devices into same bus. The devices
are distinguished from each other by unique device
address codes. MAS6501 device address is shown
in table 2. The LSB bit of the device address defines
whether the bus is configured to Read (1) or Write
(0) operation.
Table 2. MAS6501 device address
A7
A6
A5
A4
A3
A2
A1
W/R
1
1
1
0
1
1
1
0/1
MAS6501 contains three 8-bit registers which are
presented in table 3. Control register is used to
configure the device to proper measurement setup.
Control register bits are described in table 1 (page
5). Two other 8-bit registers are used to store the
16-bit A/D conversion result.
Table 3. MAS6501 internal register addresses
A7
A6
A5
A4
A3
A2
A1
A0
Register Description
1
1
1
1
1
1
0
1
MSB A/D Conversion Result Register
1
1
1
1
1
1
1
0
LSB A/D Conversion Result Register
1
1
1
1
1
1
1
1
Control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com