Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6501BA1WA300 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6501BA1WA300
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1WA300 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6501BA1WA300 Datasheet HTML 1Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 2Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 3Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 4Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 5Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 6Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DA6501.001
27 October 2008
5 (16)
MAS6501 CONTROL REGISTER
Table 1. MAS6501 control register bit description
Bit Number
Bit Name
Description
Value
Function
7-6
OSRS(1:0)
Over Sampling Ratio
(OSR) selection
11
01
10
00
OSR = 512
OSR = 256
OSR = 128
OSR = 64
5
SCO
Start Conversion
0
1
No Conversion
Start Conversion
4
PTS
Pressure/Temperature
Selection
1
0
Pressure configuration
Temperature configuration
3
ISCR
Input Signal
Conversion Range
1
0
325 mV (282 mV linear range)
98 mV (85 mV linear range)
2
XENMCLKDIV
Enable Master Clock
Division
0
1
MCLK division enabled
MCLK division disabled
1
XOSENABLE
Enable offset
0
1
Offset enabled
Offset disabled
0
OSSELECT
Offset value selection
1
0
+123 mV
+33 mV
MAS6501 has one control register for configuring
the measurement setup. See table 1 for control
register bit definitions. Control register values are
set via I2C bus.
First two OSRS bits of the control register define
four selectable over sampling ratios. The higher
OSR the better ADC accuracy but the longer
conversion time.
The SCO bit controls the A/D conversion. When
SCO = 0, no A/D conversion takes place. When
SCO = 1, the A/D converter turns on and the analog
data is being converted. Then MCLK must be
clocked at least until EOC pin goes high indicating
that conversion has been accomplished.
PTS bit selects between pressure and temperature
measurement. In temperature measurement the
sensor is connected in bridge configuration together
with four integrated resistors (see figure 3 on page 8
and resistors R1, R2, R3 and R4).
ISCR selects between two A/D conversion ranges.
The XENMCLKDIV bit controls the internal clock
frequency of MAS6501, fCLK(INT). When the bit is
low, the MCLK division is enabled and the internal
clock frequency fCLK(INT) = fMCLK/2, where
fMCLK is the master clock frequency. When the
XENMCLKDIV bit is high, the MCLK division is
disabled and fCLK(INT) = fMCLK.
In the XENMCLKDIV = 1 mode the duty cycle
should be as close to 50 % as possible. In this
mode, the conversion time is made half (see page 3
conversion time values with XENMCLKDIV = 1)
compared
to
clock
speed
division
mode
XENMCLKDIV = 0 whereas the resolution remains
unchanged. In XENMCLKDIV = 0 mode the
conversion time and also current consumption are
doubled but then the external master clock signal
MCLK does not need to have close to 50% duty
cycle.
XOSENABLE can be used to enable input signal
range offset option. At 1 value no offset is applied
but at 0 value an offset value which is determined
with OSSELECT bit is used.
OSSELECT selects between two offset values. No
offset
is
applied
if
offset
is
disabled
(XOSENABLE=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com