Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB31E Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB31E
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB31E Datasheet(HTML) 4 Page - Texas Instruments

  TS3USB31E Datasheet HTML 1Page - Texas Instruments TS3USB31E Datasheet HTML 2Page - Texas Instruments TS3USB31E Datasheet HTML 3Page - Texas Instruments TS3USB31E Datasheet HTML 4Page - Texas Instruments TS3USB31E Datasheet HTML 5Page - Texas Instruments TS3USB31E Datasheet HTML 6Page - Texas Instruments TS3USB31E Datasheet HTML 7Page - Texas Instruments TS3USB31E Datasheet HTML 8Page - Texas Instruments TS3USB31E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TS3USB31E
SCDS256 – OCTOBER 2009
www.ti.com
DYNAMIC ELECTRICAL CHARACTERISTICS
over operating range, TA = –40°C to 85°C, VCC = 2.5 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP (1)
UNIT
XTALK
Crosstalk
RL = 50 Ω, f = 240 MHz, See Figure 9
-53
dB
OISO
OFF isolation
RL = 50 Ω, f = 240 MHz, See Figure 8
-30
dB
BW
Bandwidth (–3 dB)
RL = 50 Ω, CL = 5 pF, See Figure 10
1100
MHz
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
DYNAMIC ELECTRICAL CHARACTERISTICS
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP (1)
UNIT
XTALK
Crosstalk
RL = 50 Ω, f = 240 MHz, See Figure 9
–53
dB
OIRR
OFF isolation
RL = 50 Ω, f = 240 MHz, See Figure 8
–30
dB
BW
Bandwidth (–3 dB)
RL = 50 Ω, CL = 5 pF, See Figure 10
1100
MHz
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
SWITCHING CHARACTERISTICS
over operating range, TA = –40°C to 85°C, VCC = 2.5 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
RL = 50 Ω, CL = 5 pF,
tpd
Propagation delay(2) (3)
0.25
ns
See Figure 11
RL = 50 Ω, CL = 5 pF,
tON
Line enable time, OE to D, nD
30
ns
See Figure 7
RL = 50 Ω, CL = 5 pF,
tOFF
Line disable time, OE to D, nD
25
ns
See Figure 7
RL = 50 Ω, CL = 5 pF,
tSK(O)
Output skew between center port to any other port(2)
50
ps
See Figure 12
Skew between opposite transitions of the same output
RL = 50 Ω, CL = 5 pF,
tSK(P)
20
ps
(tPHL – tPLH)
(2)
See Figure 12
RL = 50 Ω, CL = 5 pF,
tJ
Total jitter(2)
200
ps
tR = tF = 500 ps at 480 Mbps
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
(2)
Specified by design
(3)
The bus switch contributes no propagational delay other than the RC delay of the on resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25 ns for 10-pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch, when used in
a system, is determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS3USB31E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com