Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB31E Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB31E
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB31E Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3USB31E Datasheet HTML 2Page - Texas Instruments TS3USB31E Datasheet HTML 3Page - Texas Instruments TS3USB31E Datasheet HTML 4Page - Texas Instruments TS3USB31E Datasheet HTML 5Page - Texas Instruments TS3USB31E Datasheet HTML 6Page - Texas Instruments TS3USB31E Datasheet HTML 7Page - Texas Instruments TS3USB31E Datasheet HTML 8Page - Texas Instruments TS3USB31E Datasheet HTML 9Page - Texas Instruments TS3USB31E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1.00E+6
10.00E+6
100.00E+6
1.00E+9
10.00E+9
Frequency (Hz)
-103
-93
-83
-73
-63
-53
-43
-33
-23
-13
1.00E+6
10.00E+6
100.00E+6
1.00E+9
10.00E+9
Frequency (Hz)
TS3USB31E
SCDS256 – OCTOBER 2009
www.ti.com
APPLICATION INFORMATION
Figure 1. Insertion Loss
Figure 2. OFF Isolation
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS3USB31E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com