Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB31E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB31E
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB31E Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB31E Datasheet HTML 1Page - Texas Instruments TS3USB31E Datasheet HTML 2Page - Texas Instruments TS3USB31E Datasheet HTML 3Page - Texas Instruments TS3USB31E Datasheet HTML 4Page - Texas Instruments TS3USB31E Datasheet HTML 5Page - Texas Instruments TS3USB31E Datasheet HTML 6Page - Texas Instruments TS3USB31E Datasheet HTML 7Page - Texas Instruments TS3USB31E Datasheet HTML 8Page - Texas Instruments TS3USB31E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
8
GND
V
CC
RSEPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
RSEPACKAGE
(BOTTOMVIEW)
GND
V
CC
N.C.
Nointernalconnection
-
TS3USB31E
www.ti.com
SCDS256 – OCTOBER 2009
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH
WITH SINGLE ENABLE AND ESD PROTECTION
Check for Samples: TS3USB31E
1
FEATURES
•
VCC Operation 2.25 V to 4.3 V
•
1.8-V Compatible Control-Pin Inputs
•
IOFF Supports Partial Power-Down Mode
Operation
•
ron = 10 Ω Maximum
•
Δron <0.35 Ω Typical
•
Cio(ON) = 6 pF Typical
•
Low Power Consumption (1
μA Maximum)
•
ESD Performance Tested Per JESD 22
–
8000-V Human-Body Model
(A114-B, Class II)
–
1000-V Charged-Device Model (C101)
–
250-V Machine Model (A115-A)
•
ESD Performance COM Port to GND
–
15000-V Human-Body Model
(A114-B, Class II)
•
Wide –3-dB Bandwidth = 1100 MHz Typical
•
Packaged in 8-Pin TQFN (1.5 mm × 1.5 mm)
APPLICATIONS
•
Routes Signals for USB 1.0, 1.1, and 2.0
DESCRIPTION/ORDERING INFORMATION
The TS3USB31E is a high-bandwidth switch specially
designed for the switching of high-speed USB 2.0
signals in handset and consumer applications, such
as cell phones, digital cameras, and notebooks with
hubs or controllers with limited USB I/Os. The wide
bandwidth (1100 MHz) of this switch allows signals to
pass with minimum edge and phase distortion. The
switch
is
bidirectional
and
offers
little
or
no
attenuation of the high-speed signals at the outputs. It
is
designed
for
low
bit-to-bit
skew
and
high
channel-to-channel noise isolation, and is compatible
with various standards, such as high-speed USB 2.0
(480 Mbps).
Table 1. ORDERING INFORMATION
TA
PACKAGE (1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN – RSE
Tape and reel
TS3USB31ERSER
LJ
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3USB31E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB31E TI-TS3USB31E Datasheet
749Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31ERSER TI-TS3USB31ERSER Datasheet
749Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
More results

Similar Description - TS3USB31E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB31 TI-TS3USB31 Datasheet
650Kb / 17P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221E TI-TS3USB221E Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com