Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA707XM Datasheet(PDF) 5 Page - Sanken electric

Part # SLA707XM
Description  2-Phase Unipolar Stepper Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA707XM Datasheet(HTML) 5 Page - Sanken electric

  SLA707XM Datasheet HTML 1Page - Sanken electric SLA707XM Datasheet HTML 2Page - Sanken electric SLA707XM Datasheet HTML 3Page - Sanken electric SLA707XM Datasheet HTML 4Page - Sanken electric SLA707XM Datasheet HTML 5Page - Sanken electric SLA707XM Datasheet HTML 6Page - Sanken electric SLA707XM Datasheet HTML 7Page - Sanken electric SLA707XM Datasheet HTML 8Page - Sanken electric SLA707XM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA707xM Series
February, 2006
Sanken Electric Co.,Ltd.
I03-004EA-060227
Thermal Design Data
Truth Table
・
Input Pin
Name
Low Level
High Level
Clock
Reset
Run
Logic Reset
-
CW/CCW
Forward (CW)
Reverse(CCW)
M1
M2
M3
Micro-Stepping Operation Mode Setting
Ref
Sleep Mode 1*
-
Sync
Asynchronous PWM Operation
Synchronous PWM Operation
-
* With a setup of a sleep mode 1, the operation is "Output Disable" and "Sequencer Enable"
ΔTj-a= 26.6×PD
ΔTc-a= 21.3×PD
0
25
50
75
100
125
150
00.511.522.5
3
3.5
4
4.5
5
パッケージ許容損失 PD [W]
Allowable Package Power
Dissipation PD [W]
5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com