Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA707XM Datasheet(PDF) 1 Page - Sanken electric

Part # SLA707XM
Description  2-Phase Unipolar Stepper Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA707XM Datasheet(HTML) 1 Page - Sanken electric

  SLA707XM Datasheet HTML 1Page - Sanken electric SLA707XM Datasheet HTML 2Page - Sanken electric SLA707XM Datasheet HTML 3Page - Sanken electric SLA707XM Datasheet HTML 4Page - Sanken electric SLA707XM Datasheet HTML 5Page - Sanken electric SLA707XM Datasheet HTML 6Page - Sanken electric SLA707XM Datasheet HTML 7Page - Sanken electric SLA707XM Datasheet HTML 8Page - Sanken electric SLA707XM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA707xM Series
February, 2006
.
Sanken Electric Co.,Ltd.
I03-004EA-060227
■General Description
Combining low-power CMOS logic with high-current, high-voltage
power FET outputs, the Series SLA707xM translator/drivers provide
complete control and drive for a two-phase unipolar stepper motor
with internal fixed off time and pulse-width modulation (PWM)
control of the output current in a power multi-chip module
(PMCM™).
There are no phase-sequence tables, high-frequency control lines, or
complex interfaces to program. The CMOS logic section provides the
sequencing logic, direction, control, synchronous/asynchronous PWM
operation, and a "sleep" function. The minimum CLOCK input is an
ideal fit for applications where a complex µP is unavailable or
overburdened. TTL or LSTTL may require the use of appropriate
pull-up resistors to ensure a proper input-logic high. For PWM current
control, the maximum output current is determined by the user's
selection of a reference voltage and sensing resistor. The NMOS
outputs are capable of sinking up to 1, 1.5, 2, or 3 A (depending on
device) and withstanding 46 V in the off state.
Clamp diodes provide protection against inductive transients. Special
power-up sequencing is not required.
Full-,and Half-step operation are externally selectable for the
SLA7070/71/72/73MR. Full-, Half-, quarter-, and eighth-, and
sixteenth-step operation are externally selectable for the
SLA7075/76/77/78MR.
Half-step excitation alternates between the one-phase and two-phase
modes (A-AB-B-AB-A-AB-BAB),providing an eight-step sequence.
■Package—SLA23Pin
■Applications
● PPC
● Printer
● OA Equipment
■Features
● To 3 A Output Rating
● Internal Sequencer for Microstepping Operation
● PWM Constant-Current Motor Drive
● Cost-Effective, Multi-Chip Solution
● 100 V, Avalanche-Rated NMOS Outputs
● Low RDS(on) NMOS Outputs (150 milliohms typical)
● Advanced, Improved Body Diodes
● Inputs Compatible with 3.3 V or 5 V Control Signals
● Sleep Mode
● Internal Clamp Diodes
■Key Specifications
● Motor Supply Voltage (VM): 44V max
● Load Supply Voltage (Vs): 10V to 44V
● Logic Supply Voltage (Vcc): 3V to 5.5V
● Output Current (Io): 1A(SLA7070MxRxx, SLA7075MxRxx)
1.5A(SLA7071MxRxx, SLA7076MxRxx)
2A(SLA7072MxRxx, SLA7077MxRxx)
3A(SLA7073MxRxx, SLA7078MxRxx)
The x represents P, W, or R according to the functions (See App Note).
● Output Maximum Voltage (VDSS): 100V min
Typical Connection
SLA707xMR
マイコン
等
VBB
OutA
OutA
OutB
OutB
VDD
Clock
Sync
CW/CCW
Ref/Sleep1
SenseB
SenseA
Gnd
r1
r2
Sleep
Q1
+
+
CA
CB
~
Vs=10V
44V
~
Vcc=3.0V
5.5V
ロジックGnd
パワーGnd
1点Gnd
Reset
M1
M2
M3
Mo
N.C.
C1
r3
C2
Logic Ground
Power Ground
Single Point
Ground
http://www.sanken-ele.co.jp/en/
1/20


Similar Part No. - SLA707XM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
Motor Driver IC Family
logo
Sanken electric
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
Motor Driver ICs
logo
Allegro MicroSystems
SLA7070MPR ALLEGRO-SLA7070MPR Datasheet
350Kb / 12P
Motor Driver IC Family
logo
Sanken electric
SLA7070MPR SANKEN-SLA7070MPR Datasheet
66Kb / 2P
2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
SLA7070MPRT SANKEN-SLA7070MPRT Datasheet
66Kb / 2P
2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
More results

Similar Description - SLA707XM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
2-Phase Stepper Motor Unipolar Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
2-Phase Stepper Motor Unipolar Driver IC
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
2-Phase Unipolar Stepper Motor Driver
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
Unipolar Stepper Motor Driver
logo
Sanken electric
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
2-Phase Stepper Motor Unipolar Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com