Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA707XM Datasheet(PDF) 4 Page - Sanken electric

Part # SLA707XM
Description  2-Phase Unipolar Stepper Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA707XM Datasheet(HTML) 4 Page - Sanken electric

  SLA707XM Datasheet HTML 1Page - Sanken electric SLA707XM Datasheet HTML 2Page - Sanken electric SLA707XM Datasheet HTML 3Page - Sanken electric SLA707XM Datasheet HTML 4Page - Sanken electric SLA707XM Datasheet HTML 5Page - Sanken electric SLA707XM Datasheet HTML 6Page - Sanken electric SLA707XM Datasheet HTML 7Page - Sanken electric SLA707XM Datasheet HTML 8Page - Sanken electric SLA707XM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA707xM Series
February, 2006
Sanken Electric Co.,Ltd.
I03-004EA-060227
REF Input Current
IREF
±
10
µA
VREF=0 to VDD
VLOL
1.25
V
ILOL =1.25mA
Logic Output Voltage
VLOH
VDD-1.25
V
ILOH =-1.25mA
ILOL
1.25
mA
Logic Output Current
ILOH
-1.25
mA
Operation at a step frequency greater than the specified minimum value is possible but not warranted.
Note.
Negative current is defined as the outflowing current from the specified pin.
Electrical Characteristic(continued) (Ta=25°C,VBB =24V,VDD =5V Unless Otherwise Noted.)
Limits
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Sense Voltage
VSENSE
0.3
V
VREF=0.3V
Mode F
Current detection Resistance
Rs
0.199
0.205
0.211
Ω
Mode F
100
%
Mode E
98.1
%
Mode D
95.7
%
Mode C
92.4
%
Mode B
88.2
%
ModeA
83.1
%
Mode 9
77.3
%
Mode 8
70.7
%
Mode 7
63.4
%
Mode 6
55.5
%
Mode 5
47.1
%
Mode 4
38.2
%
Mode 3
29.0
%
Mode 2
19.5
%
Step Reference Current Ratio
Mode 1
9.8
%
VREF=0.04V to
0.4V
Wake-Up time
tSE
100
µs
Sleep1 & Sleep2
tpdon
2.0
µs
Clock→Out ON
Switching Time
tpdoff
1.5
µs
Clock→Out OFF
PWM Minimum On Time
tON(min)
1.7
µs
tOFF1
12
µs
Mode 8 to F
tOFF2
9
µs
Mode 4 to 7
PWM OFF Time
tOFF3
7
µs
Mode 1 to 3
Note.
・
Negative current is defined as coming out of the specified pin.
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com