Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1028 Datasheet(PDF) 8 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 4Page - SMSC Corporation CAP1028 Datasheet HTML 5Page - SMSC Corporation CAP1028 Datasheet HTML 6Page - SMSC Corporation CAP1028 Datasheet HTML 7Page - SMSC Corporation CAP1028 Datasheet HTML 8Page - SMSC Corporation CAP1028 Datasheet HTML 9Page - SMSC Corporation CAP1028 Datasheet HTML 10Page - SMSC Corporation CAP1028 Datasheet HTML 11Page - SMSC Corporation CAP1028 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
8
SMSC CAP1028
DATASHEET
Chapter 1 Pin Description
Figure 1.1 CAP1028 Pin Diagram (20-Pin QFN)
Table 1.1 Pin Description for CAP1028
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1
SPI_CS#
Active low chip-select for SPI bus
DI (5V)
2
WAKE /
SPI_MOSI
WAKE - Active high wake / interrupt output
Standby power state
DO
WAKE - Active high wake input - requires pull-down resistor
Deep Sleep power state
DI
SPI_MOSI - SPI Master-Out-Slave-In port when used in normal
mode
DI (5V)
1
2
3
4
15
14
13
12
GND
WAKE / SPI_MOSI
SPI_CS#
SMCLK / BC_CLK /
SPI_CLK
SMDAT / BC_DATA /
SPI_MSIO / SPI_MISO
CS7
CS5
CS6
5
11
CS8
ADDR_COMM
CAP1028
20 pin QFN
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com