Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1028 Datasheet(PDF) 1 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 1 Page - SMSC Corporation

  CAP1028 Datasheet HTML 1Page - SMSC Corporation CAP1028 Datasheet HTML 2Page - SMSC Corporation CAP1028 Datasheet HTML 3Page - SMSC Corporation CAP1028 Datasheet HTML 4Page - SMSC Corporation CAP1028 Datasheet HTML 5Page - SMSC Corporation CAP1028 Datasheet HTML 6Page - SMSC Corporation CAP1028 Datasheet HTML 7Page - SMSC Corporation CAP1028 Datasheet HTML 8Page - SMSC Corporation CAP1028 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
SMSC CAP1028
DATASHEET
Revision 1.1 (08-05-09)
Datasheet
PRODUCT FEATURES
CAP1028
8 Channel Capacitive Touch
Sensor with 2 LED Drivers
General Description
The CAP1028 is a multiple channel Capacitive Touch
sensor with multiple power LED drivers. It contains eight
(8) individual Capacitive Touch sensor inputs with
programmable sensitivity for use in touch sensor
applications. Each sensor automatically recalibrates to
compensate for gradual environmental changes.
The CAP1028 also contains two (2) LED drivers that
offer full-on / off, variable rate blinking, dimness controls,
and breathing. Each of the LED drivers may be linked to
one of the sensors to be actuated when a touch is
detected. As well, each LED driver may be individually
controlled via a host controller.
The CAP1028 offers multiple power states operating at
low quiescent currents.
During the Standby mode of operation, one or more
Capacitive Touch Sensors are active and all LEDs may
be used. If a touch is detected, then it will wake the
system using the WAKE/SPI_MOSI pin.
The Deep Sleep mode of operation is the lowest power
state available drawing 3uA of current. During this
mode, no sensors are activethough all LEDs may be
use d . Drivin g the WAKE/SPI_MOSI pin or
communications will wake the device.
Applications
Desktop and Notebook PC’s
LCD Monitors
Printers
Appliances
Features
Eight (8) Capacitive Touch Sensor Inputs
—
Programmable sensitivity
—
Automatic recalibration
—
Individual thresholds for each button
Flexible Capacitive Touch Sense algorithm
Multiple Communication interfaces
—SMBus / I2C compliant interface
—
SMSC BC-Link interface
—
SPI communications
—
Pin selectable communications protocol and multiple
slave addresses (SMBus / I2C only)
Low Power operation
—
3uA quiescent current in Deep Sleep
—
Samples one or more channels in Standby
Two (2) LED Driver Outputs
—
Open Drain or Push-Pull
—
Programmable blink, breathe, and dimness controls
—
Can be linked to Capacitive Touch Sensors
Dedicated Wake output flags touches in low power
mode
System RESET pin
Available in 20-pin 4mm x 4mm RoHS compliant
QFN package
Block Diagram
Note: I2C is a trademark of NXP semiconductor. BC-Link is a trademark of SMSC.
SMBus
/ BC-
Link /
SPI
Slave
Protocol
SMCLK/ BC_CLK /
SPI_CLK
SMDATA / BC_DATA/
SPI_MSIO / SPI_MISO
VDD GND
ALERT# / BC_IRQ#
Capacitive Sensing Algorithm
LED1
CS1 CS2
CS3 CS4 CS5 CS6
LED Driver, Breathe,
and Dimness control
WAKE / SPI_MOSI
CS7 CS8
RESET
ADDR_COMM
SPI_CS#
LED2


Similar Part No. - CAP1028

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1026-1-AP-TR SMSC-CAP1026-1-AP-TR Datasheet
1Mb / 70P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
More results

Similar Description - CAP1028

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
CAP1126 MICROCHIP-CAP1126 Datasheet
736Kb / 73P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com