Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1006 Datasheet(PDF) 45 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 41Page - SMSC Corporation CAP1006 Datasheet HTML 42Page - SMSC Corporation CAP1006 Datasheet HTML 43Page - SMSC Corporation CAP1006 Datasheet HTML 44Page - SMSC Corporation CAP1006 Datasheet HTML 45Page - SMSC Corporation CAP1006 Datasheet HTML 46Page - SMSC Corporation CAP1006 Datasheet HTML 47Page - SMSC Corporation CAP1006 Datasheet HTML 48Page - SMSC Corporation CAP1006 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
SMSC CAP1005 / CAP1006
45
Revision 1.1 (08-05-09)
DATASHEET
5.20
Standby Sensitivity Register
The Standby Sensitivity register controls the sensitivity for sensors that are active in Standby.
Bits 2 - 0 - STBY_SENSE[2:0] - Controls the sensitivity for sensors that are active in Standby. The
sensitivity settings act to scale the relative delta count value higher or lower based on the system
parameters. A setting of 000b is the most sensitive while a setting of 111b is the least sensitive. At the
more sensitive settings, touches are detected for a smaller delta C corresponding to a “lighter” touch.
These settings are more sensitive to noise however and a noisy environment may flag more false
touches than higher sensitivity levels.
APPLICATION NOTE: A value of 128x is the most sensitive setting available. At the most sensitivity settings, the
MSB of the Delta Count register represents 64 out of ~25,000 which corresponds to a touch
of approximately 0.25% of the base capacitance (or a
ΔC of 25fF from a 10pF base
capacitance). Conversely a value of 1x is the least sensitive setting available. At these
settings, the MSB of the Delta Count register corresponds to a delta count of 8192 counts
out of ~25,000 which corresponds to a touch of approximately 33% of the base capacitance
(or a
ΔC of 3.33pF from a 10pF base capacitance).
5.21
Standby Threshold Register
Table 5.33 Standby Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5B4
B3B2
B1B0
DEFAULT
42h
R/W
Standby
Sensitivity
-
-
-
-
-
STBY_SENSE[2:0]
02h
Table 5.34 STBY_SENSE Bit Decode
STBY_SENSE[2:0]
SENSITIVITY MULTIPLIER
210
0
0
0
128x (most sensitive)
001
64x
0
1
0
32x (default)
011
16x
100
8x
101
4x
110
2x
1
1
1
1x - (least sensitive)
Table 5.35 Standby Threshold Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
43h
R/W
Standby
Threshold
-64
32
16
8
4
2
1
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com