Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1006 Datasheet(PDF) 8 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button CAP1006 Datasheet HTML 4Page - SMSC Corporation CAP1006 Datasheet HTML 5Page - SMSC Corporation CAP1006 Datasheet HTML 6Page - SMSC Corporation CAP1006 Datasheet HTML 7Page - SMSC Corporation CAP1006 Datasheet HTML 8Page - SMSC Corporation CAP1006 Datasheet HTML 9Page - SMSC Corporation CAP1006 Datasheet HTML 10Page - SMSC Corporation CAP1006 Datasheet HTML 11Page - SMSC Corporation CAP1006 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
Revision 1.1 (08-05-09)
8
SMSC CAP1005 / CAP1006
DATASHEET
10
CS2
Capacitive Touch Sensor 2
AIO
Bottom
Pad
GND
Ground
Power
Figure 1.2 CAP1005 Pin Diagram
Table 1.2 Pin Description for CAP1005
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1
SPI_CS#
Active low chip-select for SPI bus
DI (5V)
2
SPI_MOSI
SPI_MOSI - SPI Master-Out-Slave-In port
DI (5V)
3
SPI_MISO
SPI Master-In-Slave-Out data port
DO
4
SPI_CLK
SPI clock input
DI (5V)
5
VDD
Positive Power supply
Power
6
CS5
Capacitive Touch Sensor 5
AIO
7
CS4
Capacitive Touch Sensor 4
AIO
8
CS3
Capacitive Touch Sensor 3
AIO
9
CS2
Capacitive Touch Sensor 2
AIO
Table 1.1 Pin Description for CAP1006 (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
GND
10
9
8
7
6
CS2
CS1
1
2
3
4
5
CS3
SPI_MISO
VDD
SPI_CLK
CS4
CS5
CAP1005
3mm x 3mm DFN
SPI_MOSI
SPI_CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com