Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1006 Datasheet(PDF) 1 Page - SMSC Corporation

Part # CAP1006
Description  5 and 6 Channel Capacitive Touch Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1006 Datasheet(HTML) 1 Page - SMSC Corporation

  CAP1006 Datasheet HTML 1Page - SMSC Corporation CAP1006 Datasheet HTML 2Page - SMSC Corporation CAP1006 Datasheet HTML 3Page - SMSC Corporation CAP1006 Datasheet HTML 4Page - SMSC Corporation CAP1006 Datasheet HTML 5Page - SMSC Corporation CAP1006 Datasheet HTML 6Page - SMSC Corporation CAP1006 Datasheet HTML 7Page - SMSC Corporation CAP1006 Datasheet HTML 8Page - SMSC Corporation CAP1006 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
SMSC CAP1005 / CAP1006
DATASHEET
Revision 1.1 (08-05-09)
Datasheet
PRODUCT FEATURES
CAP1005 / CAP1006
5 and 6 Channel Capacitive
Touch Sensor
General Description
The CAP1006 and CAP1005 are multiple channel
Capacitive Touch sensors. The CAP1006 contains six
(6) individual Capacitive Touch sensor inputs while the
CAP1005 contains five (5) sensors. Both devices offer
programmable sensitivity for use in touch sensor
applications. Each sensor automatically recalibrates to
compensate for gradual environmental changes.
The CAP1005 / CAP1006 offers multiple power states
operating at low quiescent currents.
During the Standby mode of operation, one or more
Capacitive Touch Sensors are active.
The Deep Sleep mode of operation is the lowest power
state available drawing 3uA of current. During this
mode, no sensors are active. Communications will wake
the device.
Applications
Desktop and Notebook PC’s
LCD Monitors
Printers
Appliances
Features
Six (6) Capacitive Touch Sensor Inputs - CAP1006
Five (5) Capacitive Touch Sensor Inputs - CAP1005
—
Programmable sensitivity
—
Automatic recalibration
—
Individual thresholds for each button
Flexible Capacitive Touch Sense algorithm
Multiple Communication interfaces
—SMBus / I2C compliant interface (CAP1006-1 only)
—
SMSC BC-Link interface (CAP1006-2 only)
—
SPI communications (CAP1005 only)
Low Power operation
—
3uA quiescent current in Deep Sleep
—
Samples one or more channels in Standby
—
Open Drain or Push-Pull
Available in 10-pin 3mm x 3mm RoHS compliant DFN
package
Note: I2C is a trademark of NXP semiconductor. BC-Link is a trademark of SMSC.
CAP1006 Block Diagram
CAP1005 Block Diagram
SMBus
Slave
Protocol
VDD
GND
Capacitive Sensing Algorithm
CS1
CS2
CS3
CS4
CS5
SMCLK
1 / BC_CLK
2
SMDATA
1
/ BC_DATA
2
ALERT#
1 / BC_IRQ#2
1
= CAP1006-1
2
= CAP1006-2
CS6
SPI
Protocol
SPI_CLK
SPI_MOSI
VDD
GND
SPI_MISO
Capacitive Sensing Algorithm
CS1
CS2
CS3
CS4
CS5
SPI_CS#


Similar Part No. - CAP1006

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1014-1-EZK-TR SMSC-CAP1014-1-EZK-TR Datasheet
1Mb / 84P
Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1014-2-EZK-TR SMSC-CAP1014-2-EZK-TR Datasheet
1Mb / 84P
Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1026-1-AP-TR SMSC-CAP1026-1-AP-TR Datasheet
1Mb / 70P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
More results

Similar Description - CAP1006

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com