Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951464 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS951464 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS951464 Datasheet HTML 1Page - Integrated Device Technology ICS951464 Datasheet HTML 2Page - Integrated Device Technology ICS951464 Datasheet HTML 3Page - Integrated Device Technology ICS951464 Datasheet HTML 4Page - Integrated Device Technology ICS951464 Datasheet HTML 5Page - Integrated Device Technology ICS951464 Datasheet HTML 6Page - Integrated Device Technology ICS951464 Datasheet HTML 7Page - Integrated Device Technology ICS951464 Datasheet HTML 8Page - Integrated Device Technology ICS951464 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
ICS951464
IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8
TM - based Systems
4
General Description
Block Diagram
The ICS951464 is a main clock synthesizer chip that provides all clocks required for ATI RS/RD690-based
systems. An SMBus interface allows full control of the device.
Programmable
Spread
PLLs
Control
Logic
Xtal
Osc.
Fixed PLL
48MHz(1:0)
REF(2:0)
CPUCLK(2:0)
X1
X2
Programmable
Dividers
CLKREQA#
SMBDAT
SMBCLK
FS(2:0)
CLKREQB#
ATIGCLK(2:0)
SRCCLK(7:0)
CLKREQC#
RESET_IN#
HTTCLK0
951464 Power Group Table
VDD Pin#
GND Pin#
Description
2
1
Crsytal, REF VDD & VSS I/O & Core
5
8
48M Core and Output; FIX PLL Analog/Digital
14,26
15,27
SRC I/O & Core
23
22
SRC I/O & Core; SRC PLL Digital
36
37
SRC I/O & Core; SRC PLL Analog
33
32
ATIG I/O & Core; ATIG PLL Analog/Digital
42
41
CPU PLL Analog
46
45
CPU I/O & Core; CPU PLL Digital
52
50
HTT I/O & Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com