Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951464 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS951464 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS951464 Datasheet HTML 1Page - Integrated Device Technology ICS951464 Datasheet HTML 2Page - Integrated Device Technology ICS951464 Datasheet HTML 3Page - Integrated Device Technology ICS951464 Datasheet HTML 4Page - Integrated Device Technology ICS951464 Datasheet HTML 5Page - Integrated Device Technology ICS951464 Datasheet HTML 6Page - Integrated Device Technology ICS951464 Datasheet HTML 7Page - Integrated Device Technology ICS951464 Datasheet HTML 8Page - Integrated Device Technology ICS951464 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ICS951464
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
Programmable System Clock Chip for ATI RS/RD690 K8
TM
- based Systems
1
Recommended Application:
ATI RS/RD690 systems using AMD K8 processors & SB600
Southbridge
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
6 - 0.7V current-mode differential SRC pairs
•
2 - 0.7V current-mode differential ATIG pairs
•
1 - HyperTransport clock seed
•
2 - 48MHz USB clock
•
3 - 14.318MHz Reference clock
Pin Configuration
Key Specifications:
•
CPU outputs cycle-to-cycle jitter < 85ps
•
SRC outputs cycle-to-cycle jitter < 125ps
•
ATIG outputs cycle-to-cycle jitter < 125ps
•
+/- 300ppm frequency accuracy on CPU, SRC & ATIG
clocks
Features/Benefits:
•
3 - Programmable Clock Request pins for SRC and ATIG
clocks
•
ATIGCLKs are programmable for frequency
•
Spread Spectrum for EMI reduction
•
Outputs may be disabled via SMBus
•
External crystal load capacitors for maximum frequency
accuracy
GNDREF 1
56 FS0/REF0
VDDREF 2
55 FS1/REF1
X1 3
54 FS2/REF2
X2 4
53 **PD
VDD48 5
52 VDDHTT
48MHz_0 6
51 HTTCLK0
48MHz_1 7
50 GNDHTT
GND48 8
49 *CLKREQA#
SMBCLK 9
48 CPUCLK8T0
SMBDAT 10
47 CPUCLK8C0
RESET_IN# 11
46 VDDCPU
SRCCLKT7 12
45 GNDCPU
SRCCLKC7 13
44 CPUCLK8T1
VDDSRC 14
43 CPUCLK8C1
GNDSRC 15
42 VDDA
SRCCLKT6 16
41 GNDA
SRCCLKC6 17
40 IREF
SRCCLKT5 18
39 SRCCLKT0
SRCCLKC5 19
38 SRCCLKC0
SRCCLKT4 20
37 GNDSRC
SRCCLKC4 21
36 VDDSRC
GNDSRC 22
35 ATIGCLKT0
VDDSRC 23
34 ATIGCLKC0
SRCCLKT2 24
33 VDDATIG
SRCCLKC2 25
32 GNDATIG
VDDSRC 26
31 ATIGCLKT1
GNDSRC 27
30 ATIGCLKC1
*CLKREQB# 28
29 *CLKREQC#
56-Pin SSOP/TSSOP
Note: Pins preceeded by * have a 120 Kohm Internal Pull Up resistor
Pins preceeded by ** have a 120 Kohm Internal Pull Down resistor


Similar Part No. - ICS951464

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951464 RENESAS-ICS951464 Datasheet
387Kb / 25P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
2019
logo
Integrated Device Techn...
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
More results

Similar Description - ICS951464

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Integrated Device Techn...
ICS9LPRS480 IDT-ICS9LPRS480 Datasheet
255Kb / 25P
Programmable System Clock Chip for ATI RS780 - K8TM based Systems
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
logo
Renesas Technology Corp
9LPRS471C RENESAS-9LPRS471C Datasheet
423Kb / 23P
Programmable System Clock Chip for ATI RS790 - K8TM based Systems
05/23/12
9LPRS477C RENESAS-9LPRS477C Datasheet
416Kb / 25P
Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
1393 01/28/14
9LPRS477D RENESAS-9LPRS477D Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
System Clock Chip for ATI RS480 K8-based Systems
2019
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951462 RENESAS-ICS951462 Datasheet
436Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 - K8TM based Systems
2019
ICS951464 RENESAS-ICS951464 Datasheet
387Kb / 25P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com